Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC4T245DGVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74AVC4T245DGVRG4
Description  Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AVC4T245DGVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  74AVC4T245DGVRG4 Datasheet HTML 1Page - Texas Instruments 74AVC4T245DGVRG4 Datasheet HTML 2Page - Texas Instruments 74AVC4T245DGVRG4 Datasheet HTML 3Page - Texas Instruments 74AVC4T245DGVRG4 Datasheet HTML 4Page - Texas Instruments 74AVC4T245DGVRG4 Datasheet HTML 5Page - Texas Instruments 74AVC4T245DGVRG4 Datasheet HTML 6Page - Texas Instruments 74AVC4T245DGVRG4 Datasheet HTML 7Page - Texas Instruments 74AVC4T245DGVRG4 Datasheet HTML 8Page - Texas Instruments 74AVC4T245DGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCA
1DIR
2DIR
1A1
1A2
2A1
2A2
GND
VCCB
1OE
2OE
1B1
1B2
2B1
2B2
GND
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
1OE
2OE
1B1
1B2
2B1
2B2
1DIR
2DIR
1A1
1A2
2A1
2A2
RSV PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
D, DGV, OR PW PACKAGE
(TOP VIEW)
1OE
VCCB
1DIR
VCCA
4
5
16
6
15
7
14
8
13
3
2
1
2B2
2A2
GND
GND
11
10
9
12
GND
or
FLOAT
SN74AVC4T245
www.ti.com
SCES576G – JUNE 2004 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
Pin Functions
PIN
NO.
TYPE
DESCRIPTION
D, DGV,
NAME
RSV
PW, RGY
1A1
4
6
I/O
Input/output 1A1. Referenced to VCCA.
1A2
5
7
I/O
Input/output 1A2. Referenced to VCCA.
1B1
13
15
I/O
Input/output 1B1. Referenced to VCCB.
1B2
12
14
I/O
Input/output 1B2. Referenced to VCCB.
1DIR
2
4
I
Direction-control input for ‘1’ ports
3-state output-mode enables. Pull OE high to place ‘1’ outputs in 3-state
1OE
15
1
I
mode. Referenced to VCCA.
2A1
6
8
I/O
Input/output 2A1. Referenced to VCCA.
2A2
7
9
I/O
Input/output 2A2. Referenced to VCCA.
2B1
11
13
I/O
Input/output 2B1. Referenced to VCCB.
2B2
10
12
I/O
Input/output 2B2. Referenced to VCCB.
2DIR
3
5
I
Direction-control input for ‘2’ ports
3-state output-mode enables. Pull OE high to place ‘2’ outputs in 3-state
2OE
14
16
I
mode. Referenced to VCCA.
GND
8, 9
10, 11
Ground
VCCA
1
3
A-port power supply voltage. 1.2 V
≤ VCCA ≤ 3.6 V
VCCB
16
2
B-port power supply voltage. 1.2 V
≤ VCCB ≤ 3.6 V
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74AVC4T245


Similar Part No. - 74AVC4T245DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVC4T245DGVRG4 TI-74AVC4T245DGVRG4 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVC4T245DGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T245 TI1-SN74AVC4T245_18 Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_10 Datasheet
634Kb / 24P
[Old version datasheet]   DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com