Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC08APWTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC08APWTG4
Description  Quadruple 2-Input Positive-AND Gates
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08APWTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC08APWTG4 Datasheet HTML 3Page - Texas Instruments SN74LVC08APWTG4 Datasheet HTML 4Page - Texas Instruments SN74LVC08APWTG4 Datasheet HTML 5Page - Texas Instruments SN74LVC08APWTG4 Datasheet HTML 6Page - Texas Instruments SN74LVC08APWTG4 Datasheet HTML 7Page - Texas Instruments SN74LVC08APWTG4 Datasheet HTML 8Page - Texas Instruments SN74LVC08APWTG4 Datasheet HTML 9Page - Texas Instruments SN74LVC08APWTG4 Datasheet HTML 10Page - Texas Instruments SN74LVC08APWTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
SN54LVC08A, SN74LVC08A
www.ti.com
SCAS283S – JANUARY 1993 – REVISED AUGUST 2015
7.6 Electrical Characteristics for SN54LVC08A
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVC08A
PARAMETER
TEST CONDITIONS
VCC
–55°C to 125°C
UNIT
MIN
TYP(1)
MAX
IOH = –100 μA
2.7 V to 3.6 V
VCC – 0.2
2.7 V
2.2
VOH
IOH = –12 mA
V
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 μA
2.7 V to 3.6 V
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
II
VI = 5.5 V or GND
3.6 V
±5
μA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
μA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
μA
Ci
VI = VCC or GND
3.3 V
5
pF
(1)
TA = 25°C
7.7 Electrical Characteristics for SN74LVC08A
over recommended operating free-air temperature range (unless otherwise noted)
SN74LVC08A
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –100 μA
1.65 V to 3.6 V
VCC – 0.2
VCC – 0.2
VCC – 0.3
IOH = –4 mA
1.65 V
1.29
1.2
1.05
IOH = –8 mA
2.3 V
1.9
1.7
1.55
VOH
V
2.7 V
2.2
2.2
2.05
IOH = –12 mA
3 V
2.4
2.4
2.25
IOH = –24 mA
3 V
2.3
2.2
2
IOL = 100 μA
1.65 V to 3.6 V
0.1
0.2
0.3
IOL = 4 mA
1.65 V
0.24
0.45
0.6
VOL
IOL = 8 mA
2.3 V
0.3
0.7
0.75
V
IOL = 12 mA
2.7 V
0.4
0.4
0.6
IOL = 24 mA
3 V
0.55
0.55
0.8
II
VI = 5.5 V or GND
3.6 V
±1
±5
±20
μA
ICC
VI = VCC or GND, IO = 0
3.6 V
1
10
40
μA
One input at VCC – 0.6 V,
ΔICC
2.7 V to 3.6 V
500
500
5000
μA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
5
pF
7.8 Switching Characteristics for SN54LVC08A
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
SN54LVC08A
FROM
TO
PARAMETER
VCC
–55°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
2.7 V
4.8
tpd
A or B
Y
ns
3.3 V ± 0.3 V
1
4.1
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54LVC08A SN74LVC08A


Similar Part No. - SN74LVC08APWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08APWTG4 TI-SN74LVC08APWTG4 Datasheet
792Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08APWTG4 TI-SN74LVC08APWTG4 Datasheet
899Kb / 24P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08APWTG4 TI1-SN74LVC08APWTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
More results

Similar Description - SN74LVC08APWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com