Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC08ARGYRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC08ARGYRG4
Description  Quadruple 2-Input Positive-AND Gates
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08ARGYRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC08ARGYRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC08ARGYRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC08ARGYRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC08ARGYRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC08ARGYRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC08ARGYRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC08ARGYRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC08ARGYRG4 Datasheet HTML 14Page - Texas Instruments SN74LVC08ARGYRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
A
B
Y
C
R
SN54LVC08A, SN74LVC08A
www.ti.com
SCAS283S – JANUARY 1993 – REVISED AUGUST 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The SN74LVC08A is used to drive CMOS device and used for implementing AND logic. LVC famiy can support
current drive of about 24 mA at 3-V VCC. The inputs for SN74LVC08 are 5.5-V tolerant allowing it to translate
down to VCC.
10.2 Typical Application
Figure 5. Three Input AND Gate Implementation and Driving LED
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive will also create fast edges into light loads
so routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
SN74LVC08A contains four AND gates in one package which can be used for individual AND function or to
implement complex Bolean logic. Figure 5 shows an example of implementing 3input AND function. AB are
inputs for AND gate which are connected to another AND gate. Z= A·B·C. SN74LVC08A support high drive
current of 24 mA which can be used to drive LED's of even Drive low current signal FETs, an example is shown
in Figure 5 TI recommends to use a series resistance to limit the current. If VCC is 3 V, and LED current should
be 10 mA, and the forward-voltage of LED is 2.5 V, then R as shown in Figure 5 is calculated using Equation 1
below:
R = (VCC – VLED) / I
(1)
R = (3 – 2.5) / 0.01 = 50
Ω
Copyright © 1993–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54LVC08A SN74LVC08A


Similar Part No. - SN74LVC08ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08ARGYRG4 TI-SN74LVC08ARGYRG4 Datasheet
792Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08ARGYRG4 TI-SN74LVC08ARGYRG4 Datasheet
899Kb / 24P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74LVC08ARGYRG4 TI1-SN74LVC08ARGYRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
More results

Similar Description - SN74LVC08ARGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com