Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCHR16245AZRDR Datasheet(PDF) 9 Page - Texas Instruments

Part # 74LVCHR16245AZRDR
Description  16-Bit Bus Transceiver With 3-State Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCHR16245AZRDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74LVCHR16245AZRDR Datasheet HTML 5Page - Texas Instruments 74LVCHR16245AZRDR Datasheet HTML 6Page - Texas Instruments 74LVCHR16245AZRDR Datasheet HTML 7Page - Texas Instruments 74LVCHR16245AZRDR Datasheet HTML 8Page - Texas Instruments 74LVCHR16245AZRDR Datasheet HTML 9Page - Texas Instruments 74LVCHR16245AZRDR Datasheet HTML 10Page - Texas Instruments 74LVCHR16245AZRDR Datasheet HTML 11Page - Texas Instruments 74LVCHR16245AZRDR Datasheet HTML 12Page - Texas Instruments 74LVCHR16245AZRDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
VCC (V)
0
1
2
3
4
0
2
4
6
8
10
12
D001
TPD in ns
Temperature (GC)
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
4
D002
TPD in ns
SN74LVCHR16245A
www.ti.com
SCAS582Q – NOVEMBER 1996 – REVISED OCTOBER 2014
7.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
B or A
1
12.5
1
9.5
1
5.7
1.5
4.8
ns
ten
OE
A or B
1
15.8
1
12.2
1
7.9
1.5
6.3
ns
tdis
OE
A or B
1
19.2
1
11.9
1
8.3
2.2
7.4
ns
7.7 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
36
36
39
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
3
3
4
7.8 Typical Characteristics
Figure 1. TPD vs VCC
Figure 2. TPD vs Temperature
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVCHR16245A


Similar Part No. - 74LVCHR16245AZRDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCHR16245AZRDR TI1-74LVCHR16245AZRDR Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
More results

Similar Description - 74LVCHR16245AZRDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com