Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4524-EP Datasheet(PDF) 3 Page - Texas Instruments

Part # THS4524-EP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4524-EP Datasheet(HTML) 3 Page - Texas Instruments

  THS4524-EP_17 Datasheet HTML 1Page - Texas Instruments THS4524-EP_17 Datasheet HTML 2Page - Texas Instruments THS4524-EP_17 Datasheet HTML 3Page - Texas Instruments THS4524-EP_17 Datasheet HTML 4Page - Texas Instruments THS4524-EP_17 Datasheet HTML 5Page - Texas Instruments THS4524-EP_17 Datasheet HTML 6Page - Texas Instruments THS4524-EP_17 Datasheet HTML 7Page - Texas Instruments THS4524-EP_17 Datasheet HTML 8Page - Texas Instruments THS4524-EP_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
ORDERABLE PART
TA
PACKAGE-LEAD
PACKAGE DESIGNATOR
TOP-SIDE MARKING
VID NUMBER
NUMBER
Tape and reel,
THS4524MDBTREP
THS4524EP
V62/12612-01XE
2000
-55°C to 125°C
TSSOP - 38
DBT
Rails, 50
THS4524MDBTEP
THS4524EP
V62/12612-01XE-T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
THS4524
UNIT
Supply Voltage, VS– to VS+
5.5
V
Input/Output Voltage, VI (VIN±, VOUT±, VOCM pins)
(VS–) – 0.7 to (VS+) + 0.7V
V
Differential Input Voltage, VID
1
V
Output Current, IO
100
mA
Input Current, II (VIN±, VOCM pins)
10
mA
Continuous Power Dissipation
See Thermal Characteristic Specifications
Maximum Junction Temperature, TJ
+150
°C
Maximum Junction Temperature, TJ (continuous operation, long-term reliability)
+125
°C
Operating Free-air Temperature Range, TA
–55 to 125
°C
Storage Temperature Range, TSTG
–65 to +150
°C
Human Body Model (HBM)
1300
V
ESD
Charge Device Model (CDM)
1000
V
Rating:
Machine Model (MM)
50
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :THS4524-EP


Similar Part No. - THS4524-EP_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4524-EP_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521 Datasheet
1Mb / 43P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521-HT TI1-THS4521-HT Datasheet
758Kb / 28P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4524-EP TI1-THS4524-EP Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4524-EP NSC-THS4524-EP Datasheet
1Mb / 48P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4521-HT TI-THS4521-HT_15 Datasheet
653Kb / 27P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4521-HT NSC-THS4521-HT Datasheet
758Kb / 28P
   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com