Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75HVD3082EPE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75HVD3082EPE4
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75HVD3082EPE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75HVD3082EPE4 Datasheet HTML 6Page - Texas Instruments SN75HVD3082EPE4 Datasheet HTML 7Page - Texas Instruments SN75HVD3082EPE4 Datasheet HTML 8Page - Texas Instruments SN75HVD3082EPE4 Datasheet HTML 9Page - Texas Instruments SN75HVD3082EPE4 Datasheet HTML 10Page - Texas Instruments SN75HVD3082EPE4 Datasheet HTML 11Page - Texas Instruments SN75HVD3082EPE4 Datasheet HTML 12Page - Texas Instruments SN75HVD3082EPE4 Datasheet HTML 13Page - Texas Instruments SN75HVD3082EPE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1.5V
50 W
Output
VOD(L)
tPLH
tf
C =50pF
L
R =50
L
W
Signal
Generator
0V
0V
10%
VOD
Input
1.5V
3V
VOD(H)
90%
tPHL
tr
-1.75V
50 W
Signal
Generator
VOC
VOC
DVOC(SS)
50pF
27 W
B
VB
A
27 W
VA
-3.25V
VOC(PP)
0Vor3V
60 W
375 W
I
OB
V
OD
I
OA
V
TEST
=-7Vto12V
375 W
V
TEST
0Vor3V
50pF
27 W
B
IOB
VOD
VOC
IOA
II
A
27 W
10
SN65HVD3082E, SN75HVD3082E, SN65HVD3085E, SN65HVD3088E
SLLS562I – AUGUST 2009 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: SN65HVD3082E SN75HVD3082E SN65HVD3085E SN65HVD3088E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
Test load capacitance includes probe and jig capacitance (unless otherwise specified). Signal generator characteristics: rise
and fall time < 6 ns, pulse rate 100 kHz, 50% duty cycle. ZO = 50 Ω (unless otherwise specified).
Figure 8. Driver Test Circuit, VOD and VOC Without Common-Mode Loading
Figure 9. Driver Test Circuit, VOD With Common-Mode Loading
Figure 10. Driver VOC Test Circuit and Waveforms
Figure 11. Driver Switching Test Circuit and Waveforms


Similar Part No. - SN75HVD3082EPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082EPE4 TI-SN75HVD3082EPE4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082EPE4 TI-SN75HVD3082EPE4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EPE4 TI1-SN75HVD3082EPE4 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
More results

Similar Description - SN75HVD3082EPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com