Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1452 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL1452
Description  WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1452 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL1452 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1452 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1452 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1452 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1452 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1452 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1452 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1452 Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3
SL1452
1
2p=LC
SL1452 QUADRATURE DEMODULATOR
The SL1452 FM demodulator has a simple application with
very low external component count. This is demonstrated by the
applications circuit diagram Fig. 4, but as with most integrated
circuits, particularly those working at high frequencies, some
attention to good RF layout techniques and correct component
selection will ensure optimum results.
A good layout can usually be ensured by the simple precau-
tion of keeping all components close to the SL1452, maintaining
short lead lengths and ensuring a good low impedance ground
plane. Double sided board layout enables these objectives to be
easily met, but is not essential for satisfactory operation. All
coupling and decoupling capacitors should be chosen for low
impedance characteristics at high frequencies, multilayer ce-
ramic types usually providing small size and adequate high
frequency performance. For the quadrature coil tuning capacitor
a fairly stable component should be selected to prevent excessive
drift. The power supply decoupling capacitor from pin 6 to ground
should be 0.1
µF minimum but the input coupling and decoupling
values can be smaller, about 330pF being adequate.
The only remaining components to be selected are those
forming the quadrature circuit on pins 2 and 3 and some care in
the determination of values for these is required if maximum
performance is to be obtained.
First determine the quadrature circuit operating frequency,
which is a quarter of the input frequency on pin 8 due to the two
internal 42 stages (see Fig.2).
Choose suitable values for L and C to resonate at the correct
frequency using:
f =
The value of C should by greater than 15pF to prevent stray
capacitance effects introducing errors and distortion of the
demodulation curve, but the use of very large capacitances with
small inductance values will lower the impedance of the tuned
circuit at the required Q value, reducing the drive level to the
demodulator and thereby restricting the video output available.
In general, for operation in the 400MHz to 600MHz range, an
inductance value between 40nH and 60nH is recommended.
Once suitable L and C values have been determined, the
working Q for the quadrature circuit should be set, the Q value
determining the video output level and bandwidth. Video output
is proportional to Q whereas video bandwidth is inversely
proportional. The effect of Q variations on video bandwidth and
amplitude can be determined from Table 1 and the graphs in Fig. 5.
330
SL1452
4
3
2
1
5
6
7
8
0·04
µ
27p
1n
1
5V
0·1
µ
1n
VIDEO
OUTPUT
612MHz
INPUT
0V
A value for total damping resistor value to obtain the required
Q can be calculated from:
R = Q2
πfL
The internal 800
Ω resistance between pins 2 and 3 must be
allowed for when calculating R.
Example
Design a quadrature circuit to demodulate a carrier on pin 8
with centre frequency 480 MHz and video bandwidth of 10MHz.
For L = 40nH, fQUAD = 120MHz,
C = 43·98pF (nearest preferred value 47pF)
From Table 1, Q required is approximately 6,
therefore total R required is:
R = Q2
πfL
= 6323
π 3480310630·0431026
4
=181 ohms
Allowing for the internal 800
Ω resistance between pins 2 and 3
(see Fig.3), the external resistance required is 234
Ω. ; choose
270
Ω.
It should be remembered that the internal 800
Ωresistance is
subject to production tolerances and if fairly close control of
video bandwidth is required, the L and C ratio may require some
adjustment to ensure that the external R is sufficiently low to
swamp the effect of internal resistance changes. The value of
270
Ω obtained in the example is low enough to allow adequate
control.
In order to overcome the effects of component tolerances, it
will usually be necessary to make either the L or C a variable
component, the value being adjusted to obtain best linearity.
Q
10
6
4
Bandwidth
7·5MHz
14MHz
23MHz
Table 1
Fig. 4 Typical application


Similar Part No. - SL1452

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1451NADP ZARLINK-SL1451NADP Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1454 ZARLINK-SL1454 Datasheet
324Kb / 9P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1454NADP ZARLINK-SL1454NADP Datasheet
324Kb / 9P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
More results

Similar Description - SL1452

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL1454 ZARLINK-SL1454 Datasheet
324Kb / 9P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
logo
NXP Semiconductors
TDA8012M PHILIPS-TDA8012M Datasheet
94Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1996 Mar 26
TDA8012AM PHILIPS-TDA8012AM Datasheet
99Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1997 May 26
logo
NTE Electronics
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
AN5220 PANASONIC-AN5220 Datasheet
114Kb / 3P
   TV SOUND IF AMPLIFIER FM DETECTOR CIRCUITS
logo
M/A-COM Technology Solu...
MAAL-009053 MA-COM-MAAL-009053 Datasheet
939Kb / 9P
   Satellite TV Amplifier
logo
NTE Electronics
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
logo
M/A-COM Technology Solu...
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com