Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4340.332NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA4340.332NLT
Description  SMT Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4340.332NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA4340.332NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4340.332NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4340.332NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4340.332NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA4340.332NLT Datasheet HTML 5Page - Pulse A Technitrol Company PA4340.332NLT Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P767.F (03/17)
2
pulseelectronics.com
SMT Power Inductor
High Current Molded Power Inductor - PA4340.XXXNLT Series
1. Actual temperature of the component during system operation (ambient plus tempera-
ture rise) must be within the standard operating range.
2. The saturation current is the current at which the initial inductance drops approximately
30% at the stated ambient temperature. This current is determined by placing the com-
ponent in the specified ambient environment and applying a short duration pulse cur-
rent (to eliminate self-heating effect) to the component.
3. The rated current is the DC current required to raise the component temperature by
approximately 40�C. Take note that the components’ performanc varies depending on the
system condition. It is suggested that the component be tested at the system level, to
verify the temperature rise of the component during system operation.
4. The part temperature (ambient+temp rise) should not exceed 125�C under worst case
operating conditions. Circuit design, PCB trace size and thickness, airflow and other cool-
ing provisions all affect the part temperature. Part temperature should be verified in the
end application.
Notes:
PA4340.XXXNLT
Mechanical
Series
A
B
C
D
E
F
G
H
PA4340.XXXNLT
6.0 MAX
5.4 MAX
3.0 MAX
(1.5)
3.5 MAX
(1.8)
(2.0)
(2.5)
TAPE & REEL INFO
E
F
ØD
P
P
P
W
T
K0
0
2
1
0
A
N
B
G
QTY
A
B
G
N
E
F
D
P
P
P
W
T
K
PCS/REEL
PA4340.XXXNLT
Ø330
N/A
12
100
1.75
3.5
1.5
8
4
2
8
0.35
3.3
2000
0
0
0
2
1
REEL SIZE (mm)
TAPE SIZE (mm)
SURFACE MOUNTING TYPE, REEL/TAPE LIST
Final Layout
All Dimensions in mm.
SUGGESTED PAD LAYOUT


Similar Part No. - PA4340.332NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4340.332NLT PULSE-PA4340.332NLT Datasheet
261Kb / 5P
   High Current Molded Power Inductor
PA4340.332NLT PULSE-PA4340.332NLT Datasheet
3Mb / 4P
   SMT Power Inductors
More results

Similar Description - PA4340.332NLT

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com