Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA4340.682NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4340.682NLT
Description  SMT Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4340.682NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4340.682NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4340.682NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4340.682NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4340.682NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA4340.682NLT Datasheet HTML 5Page - Pulse A Technitrol Company PA4340.682NLT Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P767.F (03/17)
1
pulseelectronics.com
SMT Power Inductor
High Current Molded Power Inductor - PA4340.XXXNLT Series
Height: 3.0mm Max
Footprint: 6.0mm x 5.4mm Max
Current Rating: up to 23A
Inductance Range: 0.10uH to 33uH
Shielded construction and compact design
High current, low DCR, and high efficiency
Minimized acoustic noise and minimized leakage flux
200Vdc Isolation between terminal and core
USA 858 674 8100
Germany 49 2354 777 100
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
100KHz, 1V
Rated
Current
DC
Resistance
Saturation
Current
Max.
MAX.
TYP.
uH
A
m
m
A
PA4340.101NLT
0.10
±30%
23.0
3.0
2.5
27.0
PA4340.201NLT
0.20
±30%
16.0
3.2
2.6
25.0
PA4340.221NLT
0.22
±30%
15.5
4.4
3.7
21.0
PA4340.331NLT
0.33
±20%
14.0
5.0
4.3
18.0
PA4340.471NLT
0.47
±20%
12.0
7.4
6.4
16.0
PA4340.681NLT
0.68
±20%
8.5
12.0
10.0
14.0
PA4340.102NLT
1.00
±20%
7.0
14.0
13.0
11.0
PA4340.122NLT
1.20
±20%
6.5
16.0
14.0
11.0
PA4340.152NLT
1.50
±20%
6.0
25.0
16.0
10.0
PA4340.222NLT
2.20
±20%
5.5
35.0
25.0
9.0
PA4340.332NLT
3.30
±20%
5.0
38.0
32.0
8.0
PA4340.472NLT
4.70
±20%
4.6
53.0
50.0
6.0
PA4340.562NLT
5.60
±20%
4.25
63.0
55.0
4.5
PA4340.682NLT
6.80
±20%
4.0
76.2
68.0
4.3
PA4340.103NLT
10.00
±20%
2.75
128.0
110.0
3.5
PA4340.153NLT
15.0
±20%
2.1
190.0
165.0
2.6
PA4340.183NLT
18.0
±20%
2.0
230.0
195.0
2.3
PA4340.223NLT
22.0
±20%
1.9
250.0
220.0
1.7
PA4340.333NLT
33.0
±20%
1.6
440.0
380.0
1.6


Similar Part No. - PA4340.682NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4340.682NLT PULSE-PA4340.682NLT Datasheet
261Kb / 5P
   High Current Molded Power Inductor
PA4340.682NLT PULSE-PA4340.682NLT Datasheet
3Mb / 4P
   SMT Power Inductors
More results

Similar Description - PA4340.682NLT

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com