Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP19NC60H Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP19NC60H
Description  19 A - 600 V - very fast IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP19NC60H Datasheet(HTML) 4 Page - STMicroelectronics

  STGP19NC60H Datasheet HTML 1Page - STMicroelectronics STGP19NC60H Datasheet HTML 2Page - STMicroelectronics STGP19NC60H Datasheet HTML 3Page - STMicroelectronics STGP19NC60H Datasheet HTML 4Page - STMicroelectronics STGP19NC60H Datasheet HTML 5Page - STMicroelectronics STGP19NC60H Datasheet HTML 6Page - STMicroelectronics STGP19NC60H Datasheet HTML 7Page - STMicroelectronics STGP19NC60H Datasheet HTML 8Page - STMicroelectronics STGP19NC60H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STGB19NC60H, STGP19NC60H, STGW19NC60H
4/15
Doc ID 14398 Rev 4
2
Electrical characteristics
(TJ=25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VBR(CES)
Collector-emitter
breakdown voltage
(VGE= 0)
IC= 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15 V, IC= 12 A
VGE= 15 V, IC=12 A,TJ=125 °C
1.8
1.6
2.5
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE= 600 V
VCE= 600 V,TJ= 125 °C
150
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE= ±20 V
±100
nA
gfs
(1)
1.
Pulsed: Pulse duration = 300 ìs, duty cycle 1.5%
Forward transconductance
VCE = 15 V, IC= 12 A
5S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
1180
130
36
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390 V, IC = 5 A,
VGE = 15 V,
Figure 18
-
53
10
23
-
nC
nC
nC
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STGP19NC60H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGP19NC60HD STMICROELECTRONICS-STGP19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGP19NC60HD STMICROELECTRONICS-STGP19NC60HD Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGP19NC60HD STMICROELECTRONICS-STGP19NC60HD Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
More results

Similar Description - STGP19NC60H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGB19NC60HD_0810 STMICROELECTRONICS-STGB19NC60HD_0810 Datasheet
524Kb / 18P
   19 A - 600 V - very fast IGBTE[
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com