Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB30V60F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGB30V60F
Description  Low thermal resistance
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB30V60F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGB30V60F Datasheet HTML 3Page - STMicroelectronics STGB30V60F Datasheet HTML 4Page - STMicroelectronics STGB30V60F Datasheet HTML 5Page - STMicroelectronics STGB30V60F Datasheet HTML 6Page - STMicroelectronics STGB30V60F Datasheet HTML 7Page - STMicroelectronics STGB30V60F Datasheet HTML 8Page - STMicroelectronics STGB30V60F Datasheet HTML 9Page - STMicroelectronics STGB30V60F Datasheet HTML 10Page - STMicroelectronics STGB30V60F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID025049 Rev 4
7/19
STGB30V60F, STGP30V60F
Electrical characteristics
Figure 8. Normalized VGE(th) vs junction
temperature
Figure 9. Normalized V(BR)CES vs. junction
temperature
Figure 10. Capacitance variations
Figure 11. Gate charge vs. gate-emitter voltage
Figure 12. Switching losses vs. collector
current
Figure 13. Switching losses vs. gate resistance
VGE(th)
0.8
0.6
-50
(norm)
TC(°C)
0.7
0
0.9
1.0
50
100
150
VCE=VGE
IC=1mA
AM17419v1
V(BR)CES
1.1
0.9
-50
(norm)
TC(°C)
1.0
0
50
100
150
IC=2mA
AM17420v1
C(pF)
10
0.1
VCE(V)
1000
1
10
100
10000
Cies
Coes
Cres
AM17421v1
VGE(V)
0
0
Qg(nC)
50
100
2
150 175
4
6
8
10
12
14
16
25
125
75
VCC = 480 V
IC = 30 A
AM17422v1
E(μJ)
0
0
IC(A)
400
10
20
200
600
30
40
VCC=400V, VGE=15V
Rg=10Ω, Tj=175°C
800
1000
1200
1400
Eon
Eoff
50
60
1600
1800
2000
AM17423v1
E(μJ)
0
Rg(Ω)
400
10
20
200
600
30
40
VCC=400V, VGE=15V
IC=30A, Tj=175°C
800
1000
1200
Eon
Eoff
AM17424v1


Similar Part No. - STGB30V60F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30V60DF STMICROELECTRONICS-STGB30V60DF Datasheet
1Mb / 22P
   Low thermal resistance
October 2013 Rev 4
More results

Similar Description - STGB30V60F

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com