Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD10NC60S Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD10NC60S
Description  10 A, 600 V fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10NC60S Datasheet(HTML) 3 Page - STMicroelectronics

  STGD10NC60S Datasheet HTML 1Page - STMicroelectronics STGD10NC60S Datasheet HTML 2Page - STMicroelectronics STGD10NC60S Datasheet HTML 3Page - STMicroelectronics STGD10NC60S Datasheet HTML 4Page - STMicroelectronics STGD10NC60S Datasheet HTML 5Page - STMicroelectronics STGD10NC60S Datasheet HTML 6Page - STMicroelectronics STGD10NC60S Datasheet HTML 7Page - STMicroelectronics STGD10NC60S Datasheet HTML 8Page - STMicroelectronics STGD10NC60S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STGD10NC60S, STGP10NC60S
Electrical ratings
Doc ID 15931 Rev 2
3/18
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
DPAK
TO-220
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Continuous collector current at TC = 25°C
18
21
A
IC
(1)
Continuous collector current at TC = 100°C
10
11
A
ICL
(2)
2.
Vclamp = 80%,(VCES), Tj =150 °C, RG = 10 Ω, VGE = 15 V
Turn-off latching current
14
A
ICP
(3)
3.
Pulse width limited by maximum junction temperature and turn-off within RBSOA
Pulsed collector current
25
A
VGE
Gate-emitter voltage
±20
V
PTOT
Total dissipation at TC = 25 °C
60
62.5
W
Tj
Operating junction temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220
RthJC
Thermal resistance junction-case
2.08
2
°C/W
RthJA
Thermal resistance junction-ambient
100
62.5
°C/W
I
C TC
()
T
jmax
()
T
C
R
thj
c
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STGD10NC60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGD10NC60SDT4 STMICROELECTRONICS-STGD10NC60SDT4 Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
More results

Similar Description - STGD10NC60S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com