Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD10NC60ST4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGD10NC60ST4
Description  10 A, 600 V fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10NC60ST4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGD10NC60ST4 Datasheet HTML 2Page - STMicroelectronics STGD10NC60ST4 Datasheet HTML 3Page - STMicroelectronics STGD10NC60ST4 Datasheet HTML 4Page - STMicroelectronics STGD10NC60ST4 Datasheet HTML 5Page - STMicroelectronics STGD10NC60ST4 Datasheet HTML 6Page - STMicroelectronics STGD10NC60ST4 Datasheet HTML 7Page - STMicroelectronics STGD10NC60ST4 Datasheet HTML 8Page - STMicroelectronics STGD10NC60ST4 Datasheet HTML 9Page - STMicroelectronics STGD10NC60ST4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STGD10NC60S, STGP10NC60S
6/18
Doc ID 15931 Rev 2
Figure 6.
Normalized breakdown voltage vs.
temperature
Figure 7.
Normalized gate threshold voltage
vs. temperature
Figure 8.
Gate charge vs. gate-emitter
voltage
Figure 9.
Capacitance variations
AM07875v1
0.9
0.95
1
1.05
1.1
1.15
-50
0
50
100
150
VCES
(norm)
TJ (
°C)
IC = 1 mA
AM07876v1
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
0
50
100
150
VGE(th)
(norm)
TJ (
°C)
VGE = VCE
IC = 250 µA
AM07877v1
0
4
8
12
16
20
04
8
12
16
20
VGE (V)
QG (nC)
VCC = 480 V
IC = 5 A
AM07878v1
0
200
400
600
800
010
20
304050
C (pF)
VCE (V)
f = 1 MHz
VGE = 0
Cies
Coes
Cres
Figure 10.
Switching losses vs. temperature
Figure 11.
Switching losses vs. gate
resistance
AM07879v1
0
100
200
300
400
500
600
25
50
75
100
125
E (µJ)
TJ (
°C)
VCC = 480 V, VGE= 15 V
IC = 5 A, RG =10
Ω
EON
EOFF
AM07880v1
0
100
200
300
400
500
600
040
80
120
160
200
E (µJ)
RG (
Ω)
VCC = 480 V, VGE = 15 V
IC = 5 A, TJ 125
°C
EON
EOFF
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STGD10NC60ST4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGD10NC60SDT4 STMICROELECTRONICS-STGD10NC60SDT4 Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
More results

Similar Description - STGD10NC60ST4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com