Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1218JK-0797R6L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # SR1218JK-0797R6L
Description  SURGE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR1218JK-0797R6L Datasheet(HTML) 5 Page - YAGEO Corporation

  SR1218JK-0797R6L Datasheet HTML 1Page - YAGEO Corporation SR1218JK-0797R6L Datasheet HTML 2Page - YAGEO Corporation SR1218JK-0797R6L Datasheet HTML 3Page - YAGEO Corporation SR1218JK-0797R6L Datasheet HTML 4Page - YAGEO Corporation SR1218JK-0797R6L Datasheet HTML 5Page - YAGEO Corporation SR1218JK-0797R6L Datasheet HTML 6Page - YAGEO Corporation SR1218JK-0797R6L Datasheet HTML 7Page - YAGEO Corporation SR1218JK-0797R6L Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 11, 2016 V.5
Product specification
5
8
SERIES
SR
0402/0603/0805/1206/1210/1218/2010/2512
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
G T
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
Range: –55 °C to +155 °C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
SR0402: 07 = 1/16W; 7W = 1/8W
SR0603: 07 = 1/10W; 7W = 1/5W; 7T=1/4W
SR0805: 07 = 1/8W; 7W = 1/4W; 7T=1/3W
SR1206: 07 = 1/4W; 7W = 1/2W; 7T=3/4W
SR1210: 07 = 1/2W
SR1218: 07 = 1W
SR2010: 07 = 3/4W
SR2512: 07 = 1W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V =
R)
X
(P
Where
V = Continuous rated DC or AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (Ω)
P
PU
UL
LS
SE
E L
LO
OA
AD
D B
BE
EH
HA
AV
VIIO
OR
R
Fig. 7
Pulse-Load behavior
Fig. 6 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)


Similar Part No. - SR1218JK-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR1218JK-0797R6L YAGEO-SR1218JK-0797R6L Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
More results

Similar Description - SR1218JK-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
SR0402DR-071RL YAGEO-SR0402DR-071RL Datasheet
714Kb / 9P
   SURGE CHIP RESISTORS
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com