Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGFW35HF60W Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGFW35HF60W
Description  35 A, 600 V Ultrafast IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW35HF60W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGFW35HF60W Datasheet HTML 2Page - STMicroelectronics STGFW35HF60W Datasheet HTML 3Page - STMicroelectronics STGFW35HF60W Datasheet HTML 4Page - STMicroelectronics STGFW35HF60W Datasheet HTML 5Page - STMicroelectronics STGFW35HF60W Datasheet HTML 6Page - STMicroelectronics STGFW35HF60W Datasheet HTML 7Page - STMicroelectronics STGFW35HF60W Datasheet HTML 8Page - STMicroelectronics STGFW35HF60W Datasheet HTML 9Page - STMicroelectronics STGFW35HF60W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STGF35HF60W, STGW35HF60W, STGFW35HF60W
6/17
Doc ID 17490 Rev 3
2.1
Electrical characteristics (curves)
Figure 2.
Output characteristics
Figure 3.
Transfer characteristics
Figure 4.
Normalized VCE(sat) vs. IC
Figure 5.
Normalized VCE(sat) vs. temperature
Figure 6.
Normalized breakdown voltage vs.
temperature
Figure 7.
Normalized gate threshold voltage
vs. temperature
0
50
100
150
200
0
2
468
10
VCE (V)
IC (A)
VGE = 15 V
7 V
8 V
9 V
10 V
11 V
VGE = 6 V
0
50
100
150
200
03
69
12
VGE (V)
IC (A)
VCE = 10 V
0.4
0.6
0.8
1
1.2
1.4
1.6
020
40
60
80
IC (A)
VCE(sat)
(norm)
TJ = -50 ºC
TJ = 25 ºC
TJ = 150 ºC
VGE = 15 V
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
TJ (°C)
VCE(sat)
(norm)
10 A
IC = 80 A
IC = 60 A
20 A
IC = 40 A
30 A
IC = 5 A
VGE = 15 V
0.9
0.95
1
1.05
1.1
-50
0
50
100
150
TJ (°C)
VCES
(norm)
IC = 1 mA
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
0
50
100
150
TJ (°C)
VGE(th)
(norm)
VGE = VCE
IC = 250 µA


Similar Part No. - STGFW35HF60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
July 2015 Rev 5
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
More results

Similar Description - STGFW35HF60W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP35HF60W STMICROELECTRONICS-STGP35HF60W Datasheet
776Kb / 13P
   35 A, 600 V Ultrafast IGBT
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
   35 A, 600 V ultrafast IGBT with low drop diode
August 2011 Rev 3
STGW19NC60W STMICROELECTRONICS-STGW19NC60W Datasheet
234Kb / 13P
   19 A, 600 V - ultrafast IGBT
November 2016 Rev 4
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
   20 A, 600 V fast IGBT with Ultrafast diode
November 2010 Rev 4
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
   17 A, 600 V fast IGBT with Ultrafast diode
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
September 2016 Rev 5
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
   4.5 A, 600 V very fast IGBT with Ultrafast diode
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
   31 A, 600 V, very fast IGBT with Ultrafast diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com