Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGFW20V60DF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGFW20V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW20V60DF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGFW20V60DF Datasheet HTML 6Page - STMicroelectronics STGFW20V60DF Datasheet HTML 7Page - STMicroelectronics STGFW20V60DF Datasheet HTML 8Page - STMicroelectronics STGFW20V60DF Datasheet HTML 9Page - STMicroelectronics STGFW20V60DF Datasheet HTML 10Page - STMicroelectronics STGFW20V60DF Datasheet HTML 11Page - STMicroelectronics STGFW20V60DF Datasheet HTML 12Page - STMicroelectronics STGFW20V60DF Datasheet HTML 13Page - STMicroelectronics STGFW20V60DF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Electrical characteristics
STGFW20V60DF
10/15
DocID026148 Rev 2
10 µs
100 µs
1 ms
(single pulse TC=25°C,
TJ<=175°C; VGE=15V)
AM17179v2
0.01
0.1
1
10
1
10
100
IC (A)
VCE (V)
10
-5
10
-4
10
-3
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
d=tp/t
tp
t
Single pulse
d=0.5
10
-2
10
-1
10
ZthTOF3T_A
CG20930
t
p
Z
th = k Rthj-C
δ = t
p / Ƭ
10-5
10-4
10-3
10-2
10-2
10-1
K
10-1
t
p(s)
Ƭ
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.01
δ = 0.02
δ = 0.05
SINGLE PULSE
Z
th = k Rthj-C
δ = t
p / Ƭ
t
p Ƭ
Figure 24: Safe operating area
Figure 25: Thermal impedance for IGBT
Figure 26: Thermal impedance for diode


Similar Part No. - STGFW20V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
More results

Similar Description - STGFW20V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
October 2013 Rev 4
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 8
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
September 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com