Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW20H65FB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW20H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20H65FB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW20H65FB Datasheet HTML 3Page - STMicroelectronics STGW20H65FB Datasheet HTML 4Page - STMicroelectronics STGW20H65FB Datasheet HTML 5Page - STMicroelectronics STGW20H65FB Datasheet HTML 6Page - STMicroelectronics STGW20H65FB Datasheet HTML 7Page - STMicroelectronics STGW20H65FB Datasheet HTML 8Page - STMicroelectronics STGW20H65FB Datasheet HTML 9Page - STMicroelectronics STGW20H65FB Datasheet HTML 10Page - STMicroelectronics STGW20H65FB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID026826 Rev 1
7/20
STGFW20H65FB, STGW20H65FB, STGWT20H65FB
Electrical characteristics
Figure 8. Power dissipation vs. case
temperature for TO-247 and TO-3P
Figure 9. Power dissipation vs. case
temperature for TO-3PF
Ptot
60
40
0
0
50
TC(°C)
75
(W)
25
100 125 150
20
80
175
100
VGE ≥ 15V, TJ ≤ 175 °C
120
140
160
GIPG280120141359FSR
Ptot
20
0
0
50
TC(°C)
75
(W)
25
100 125 150
10
175
30
VGE ≥ 15V, TJ ≤ 175 °C
40
50
GIPG260820141204FSR
Figure 10. Forward bias safe operating area for
TO-247 and TO-3P
Figure 11. Forward bias safe operating area for
TO-3PF
IC
10
1
0.1
1
VCE(V)
(A)
10
100
10 μs
100 μs
1 ms
(single pulse T
C= 25°C,
TJ ≤ 175°C; VGE=15V)
GIPG260820141333FSR
IC
10
1
0.1
1
VCE(V)
(A)
10
100
10 μs
100 μs
1 ms
(single pulse T
C= 25°C,
TJ ≤ 175°C; VGE=15V)
GIPG260820141339FSR
Figure 12. Collector current vs. switching
frequency for TO-247 and TO-3P
Figure 13. Collector current vs. switching
frequency for TO-3PF
0
10
20
30
40
110
Ic [A]
f [kHz]
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, R =4.7
,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
50
60
GIPG260820141342FSR
0
5
10
15
110
Ic [A]
f [kHz]
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, R =4.7
,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
20
GIPG260820141347FSR


Similar Part No. - STGW20H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
   600 V, 20 A high speed trench gate field-stop IGBT
June 2013 Rev 1
More results

Similar Description - STGW20H65FB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
July 2015 Rev 5
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
   Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
June 2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGFW40H65FB STMICROELECTRONICS-STGFW40H65FB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
March 2017 Rev 7
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com