Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGWA15M120DF3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWA15M120DF3
Description  Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA15M120DF3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWA15M120DF3 Datasheet HTML 2Page - STMicroelectronics STGWA15M120DF3 Datasheet HTML 3Page - STMicroelectronics STGWA15M120DF3 Datasheet HTML 4Page - STMicroelectronics STGWA15M120DF3 Datasheet HTML 5Page - STMicroelectronics STGWA15M120DF3 Datasheet HTML 6Page - STMicroelectronics STGWA15M120DF3 Datasheet HTML 7Page - STMicroelectronics STGWA15M120DF3 Datasheet HTML 8Page - STMicroelectronics STGWA15M120DF3 Datasheet HTML 9Page - STMicroelectronics STGWA15M120DF3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STGW15M120DF3, STGWA15M120DF3
6/19
DocID026222 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature
Figure 3. Collector current vs. case temperature
Figure 4. Output characteristics (TJ=25°C)
Figure 5. Output characteristics (TJ=175°C)
Figure 6. VCE(sat) vs. junction temperature
Figure 7. VCE(sat) vs. collector current


Similar Part No. - STGWA15M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA15H120DF2 STMICROELECTRONICS-STGWA15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGWA15H120F2 STMICROELECTRONICS-STGWA15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGWA15S120DF3 STMICROELECTRONICS-STGWA15S120DF3 Datasheet
741Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
December 2014 Rev 2
More results

Similar Description - STGWA15M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40M120DF3 STMICROELECTRONICS-STGW40M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
November 2014 Rev 3
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
October 2014 Rev 2
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
   Trench gate field-stop IGBT M series, 650 V 15 A low loss
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT M series, 650 V, 15 A low loss
November 2015 Rev 2
STGP15M65DF2 STMICROELECTRONICS-STGP15M65DF2 Datasheet
900Kb / 17P
   Trench gate field-stop IGBT M series, 650 V, 15 A low loss
STG15M120F3D7 STMICROELECTRONICS-STG15M120F3D7 Datasheet
263Kb / 10P
   Trench gate field-stop 1200 V, 15 A low-loss M series IGBT die in D7 packing
Rev 3 - August 2022
STG15M120F3D8 STMICROELECTRONICS-STG15M120F3D8 Datasheet
224Kb / 8P
   1200 V, 15 A trench gate field‑stop M series low‑loss IGBT die in D8 packing
Rev 1 - January 2022
STGP15M120F3 STMICROELECTRONICS-STGP15M120F3 Datasheet
429Kb / 15P
   Trench gate field-stop, 1200 V, 15 A, low-loss M series IGBT in a TO-220 package
August 2018 Rev 3
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
   1200 V, 15 A Field Stop Trench IGBT
logo
STMicroelectronics
STGW15S120DF3 STMICROELECTRONICS-STGW15S120DF3 Datasheet
741Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
December 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com