Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW35NC60WD Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGW35NC60WD
Description  40 A, 600 V ultra fast IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NC60WD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGW35NC60WD Datasheet HTML 6Page - STMicroelectronics STGW35NC60WD Datasheet HTML 7Page - STMicroelectronics STGW35NC60WD Datasheet HTML 8Page - STMicroelectronics STGW35NC60WD Datasheet HTML 9Page - STMicroelectronics STGW35NC60WD Datasheet HTML 10Page - STMicroelectronics STGW35NC60WD Datasheet HTML 11Page - STMicroelectronics STGW35NC60WD Datasheet HTML 12Page - STMicroelectronics STGW35NC60WD Datasheet HTML 13Page - STMicroelectronics STGW35NC60WD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Test circuit
STGW35NC60WD
10/14
3
Test circuit
Figure 17. Test circuit for inductive load
switching
Figure 18. Gate charge test circuit
Figure 19. Switching waveform
Figure 20. Diode recovery time waveform
AM01504v1
AM01505v1
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(off)
Toff
Tf
Tr(Voff)
Tcross
90%
10%
AM01507v1
IRRM
IF
di/dt
trr
ta
tb
Qrr
IRRM
t
VF
di/dt


Similar Part No. - STGW35NC60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
   35 A - 1200 V - very fast IGBT
More results

Similar Description - STGW35NC60WD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
   40 A - 600 V - ultra fast IGBT
July 2008 Rev 1
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
   30 A, 600 V ultra fast IGBT
Rev 5 November 2008
STGW45HF60WD STMICROELECTRONICS-STGW45HF60WD Datasheet
468Kb / 12P
   45 A, 600 V ultra fast IGBT
April 2010 Rev 3
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
   45 A - 600 V ultra fast IGBT
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com