Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW40M120DF3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGW40M120DF3
Description  Trench gate field-stop IGBT, M series 1200 V, 40 A low loss
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40M120DF3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGW40M120DF3 Datasheet HTML 7Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 8Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 9Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 10Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 11Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 12Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 13Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 14Page - STMicroelectronics STGW40M120DF3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID026224 Rev 3
11/18
STGW40M120DF3, STGWA40M120DF3
Electrical characteristics
Figure 27.Thermal data for IGBT
Figure 28.Thermal data for diode
ZthTO2T_A
10
-5
10
-4
10
-3
10
-2
10
-1
tp (s)
10
-2
10
-1
K
Single pulse
d=0.5
0.01
0.02
0.05
0.1
0.2


Similar Part No. - STGW40M120DF3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STGW40M120DF3 ISC-STGW40M120DF3 Datasheet
384Kb / 3P
   Trench and Field Stop IGBT
2023-8-14
More results

Similar Description - STGW40M120DF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
STGW25M120DF3 STMICROELECTRONICS-STGW25M120DF3 Datasheet
1Mb / 18P
   Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
October 2014 Rev 2
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
logo
STMicroelectronics
STGW40S120DF3 STMICROELECTRONICS-STGW40S120DF3 Datasheet
724Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 40 A low drop
December 2014 Rev 2
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
   Trench gate field-stop IGBT M series, 650 V 15 A low loss
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
   Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
DS11374 - Rev 3 - October 2018
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
   Trench gate field-stop IGBT, M series 650 V, 75 A low loss
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
   Trench gate field-stop IGBT, M series 650 V, 120 A low loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com