Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW40V60DLF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGW40V60DLF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40V60DLF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGW40V60DLF Datasheet HTML 5Page - STMicroelectronics STGW40V60DLF Datasheet HTML 6Page - STMicroelectronics STGW40V60DLF Datasheet HTML 7Page - STMicroelectronics STGW40V60DLF Datasheet HTML 8Page - STMicroelectronics STGW40V60DLF Datasheet HTML 9Page - STMicroelectronics STGW40V60DLF Datasheet HTML 10Page - STMicroelectronics STGW40V60DLF Datasheet HTML 11Page - STMicroelectronics STGW40V60DLF Datasheet HTML 12Page - STMicroelectronics STGW40V60DLF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID024212 Rev 4
9/17
STGW40V60DLF, STGWT40V60DLF
Electrical characteristics
17
Figure 20. Switching times vs. collector current
Figure 21. Switching times vs. gate resistance
Figure 22. Switching-off losses vs. capacitive
load
t(ns)
0
IC(A)
20
40
10
60
80
VCC=400V,
Tj=175°C,
VGE=15V
Rg=4.7Ω
tdoff
100
tf
AM17403v2
t(ns)
0
Rg(Ω)
10
20
10
30
40
VCC=400V
Tj=175°C
VGE=15V
IC=40A
tdoff
100
tf
1000
AM17404v2
Eoff
(μJ)
0
Csnub(nF)
20
40
0
60
80
VCC=320V
Lsnub=100μA
VGE=15V
Rg=10
Ω
Tj=175°C
250
Tj=25°C
300
200
150
100
50
100
AM17404v3


Similar Part No. - STGW40V60DLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, V series
STGW40V60DF STMICROELECTRONICS-STGW40V60DF Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 8
More results

Similar Description - STGW40V60DLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 2
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
April 2014 Rev 8
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
September 2016
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
May 2014 Rev 1
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com