Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW60H65DFB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGW60H65DFB
Description  Low thermal resistance
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DFB Datasheet(HTML) 5 Page - STMicroelectronics

  STGW60H65DFB Datasheet HTML 1Page - STMicroelectronics STGW60H65DFB Datasheet HTML 2Page - STMicroelectronics STGW60H65DFB Datasheet HTML 3Page - STMicroelectronics STGW60H65DFB Datasheet HTML 4Page - STMicroelectronics STGW60H65DFB Datasheet HTML 5Page - STMicroelectronics STGW60H65DFB Datasheet HTML 6Page - STMicroelectronics STGW60H65DFB Datasheet HTML 7Page - STMicroelectronics STGW60H65DFB Datasheet HTML 8Page - STMicroelectronics STGW60H65DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID024365 Rev 7
5/19
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V,
see Figure 28
-66
ns
tr
Current rise time
-
38
-
ns
(di/dt)on
Turn-on current slope
-
1216
A/µs
td(off)
Turn-off delay time
210
ns
tf
Current fall time
-
20
-
ns
Eon
(1)
1.
Energy losses include reverse recovery of the diode.
Turn-on switching losses
-
1590
-
µJ
Eoff
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
900
-
µJ
Ets
Total switching losses
-
2490
-
µJ
td(on)
Turn-on delay time
VCE = 400 V, IC = 60 A,
RG = 10 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 28
-59
ns
tr
Current rise time
-
40
-
ns
(di/dt)on
Turn-on current slope
-
1230
A/µs
td(off)
Turn-off delay time
242
ns
tf
Current fall time
-
147
-
ns
Eon
(1)
Turn-on switching losses
-
2860
-
µJ
Eoff
(2)
Turn-off switching losses
-
1255
-
µJ
Ets
Total switching losses
-
4115
-
µJ
Table 7. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 60 A, VR = 400 V,
di/dt = 100A/µs
, VGE = 15 V,
see Figure 28
-60
-
ns
Qrr
Reverse recovery charge
-
99
-
nC
Irrm
Reverse recovery current
-
3.3
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-
187
-
A/µs
Err
Reverse recovery energy
-
68
-
µJ
trr
Reverse recovery time
IF = 60 A, VR = 400 V,
di/dt = 100A/µs
, VGE = 15 V,
TJ = 175 °C, see Figure 28
-
310
-
ns
Qrr
Reverse recovery charge
-
1550
-
nC
Irrm
Reverse recovery current
-
10
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-59
-
A/µs
Err
Reverse recovery energy
-
674
-
µJ


Similar Part No. - STGW60H65DFB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
More results

Similar Description - STGW60H65DFB

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com