Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC20T245ZQLR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AVC20T245ZQLR
Description  20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC20T245ZQLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVC20T245ZQLR Datasheet HTML 2Page - Texas Instruments SN74AVC20T245ZQLR Datasheet HTML 3Page - Texas Instruments SN74AVC20T245ZQLR Datasheet HTML 4Page - Texas Instruments SN74AVC20T245ZQLR Datasheet HTML 5Page - Texas Instruments SN74AVC20T245ZQLR Datasheet HTML 6Page - Texas Instruments SN74AVC20T245ZQLR Datasheet HTML 7Page - Texas Instruments SN74AVC20T245ZQLR Datasheet HTML 8Page - Texas Instruments SN74AVC20T245ZQLR Datasheet HTML 9Page - Texas Instruments SN74AVC20T245ZQLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN74AVC20T245
20BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES566F − MAY 2004 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.2 V (see Figure 1)
PARAMETER
FROM
TO
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
UNIT
tPLH
A
B
3.8
3.1
2.8
2.7
3.3
ns
tPHL
A
B
3.8
3.1
2.8
2.7
3.3
ns
tPLH
B
A
4.1
3.8
3.6
3.5
3.4
ns
tPHL
B
A
4.1
3.8
3.6
3.5
3.4
ns
tPZH
OE
A
6.5
6.5
6.5
6.5
6.5
ns
tPZL
OE
A
6.5
6.5
6.5
6.5
6.5
ns
tPZH
OE
B
5.6
4.4
3.8
3.3
3.2
ns
tPZL
OE
B
5.6
4.4
3.8
3.3
3.2
ns
tPHZ
OE
A
6.4
6.4
6.4
6.4
6.4
ns
tPLZ
OE
A
6.4
6.4
6.4
6.4
6.4
ns
tPHZ
OE
B
5.7
4.6
4.7
4.1
5.4
ns
tPLZ
OE
B
5.7
4.6
4.7
4.1
5.4
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.5 V ± 0.1 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.8
0.5
6.4
0.5
5.4
0.5
4.3
0.5
3.9
ns
tPHL
A
B
3.8
0.5
6.4
0.5
5.4
0.5
4.3
0.5
3.9
ns
tPLH
B
A
3.1
0.5
6.4
0.5
6.1
0.5
5.8
0.5
5.7
ns
tPHL
B
A
3.1
0.5
6.4
0.5
6.1
0.5
5.8
0.5
5.7
ns
tPZH
OE
A
4.3
1.5
10.3
1.5
10.3
1.5
10.2
1.5
10.2
ns
tPZL
OE
A
4.3
1.5
10.3
1.5
10.3
1.5
10.2
1.5
10.2
ns
tPZH
OE
B
5.2
1
10.3
1
8.4
0.5
6.1
0.5
5.3
ns
tPZL
OE
B
5.2
1
10.3
1
8.4
0.5
6.1
0.5
5.3
ns
tPHZ
OE
A
4.5
2
9
2
9
2
9
2
9
ns
tPLZ
OE
A
4.5
2
9
2
9
2
9
2
9
ns
tPHZ
OE
B
5.1
1.5
9
1.5
7.8
1
6.4
1
5.9
ns
tPLZ
OE
B
5.1
1.5
9
1.5
7.8
1
6.4
1
5.9
ns


Similar Part No. - SN74AVC20T245ZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC20T245ZQLR TI-SN74AVC20T245ZQLR Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC20T245ZQLR TI-SN74AVC20T245ZQLR Datasheet
599Kb / 22P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC20T245ZQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC20T245 TI-SN74AVC20T245_08 Datasheet
601Kb / 21P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245 Datasheet
437Kb / 19P
[Old version datasheet]   20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC20T245 TI-SN74AVC20T245_10 Datasheet
599Kb / 22P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_07 Datasheet
281Kb / 14P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH20T245 TI-SN74AVCH20T245_09 Datasheet
607Kb / 21P
[Old version datasheet]   20-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com