Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW80H65FB-4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGW80H65FB-4
Description  Safe paralleling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW80H65FB-4 Datasheet(HTML) 4 Page - STMicroelectronics

  STGW80H65FB-4 Datasheet HTML 1Page - STMicroelectronics STGW80H65FB-4 Datasheet HTML 2Page - STMicroelectronics STGW80H65FB-4 Datasheet HTML 3Page - STMicroelectronics STGW80H65FB-4 Datasheet HTML 4Page - STMicroelectronics STGW80H65FB-4 Datasheet HTML 5Page - STMicroelectronics STGW80H65FB-4 Datasheet HTML 6Page - STMicroelectronics STGW80H65FB-4 Datasheet HTML 7Page - STMicroelectronics STGW80H65FB-4 Datasheet HTML 8Page - STMicroelectronics STGW80H65FB-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STGW80H65FB-4
4/14
DocID029224 Rev 3
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 4: Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown
voltage
VGE = 0 V, IC = 2 mA
650
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 80 A
1.6
2.0
V
VGE = 15 V, IC = 80 A,
TJ = 125 °C
1.8
VGE = 15 V, IC = 80 A,
TJ = 175 °C
1.9
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
VGE = 0 V, VCE = 650 V
100
µA
IGES
Gate-emitter leakage current
VCE = 0 V, VGE = ±20 V
±250
nA
Table 5: Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0 V
-
10.5
-
nF
Coes
Output capacitance
-
0.38
-
Cres
Reverse transfer capacitance
-
0.21
-
Qg
Total gate charge
VCC = 520 V, IC = 80 A,
VGE = 0 to 15 V
(see Figure 23: "Gate
charge test circuit")
-
414
-
nC
Qge
Gate-emitter charge
-
78
-
Qgc
Gate-collector charge
-
170
-


Similar Part No. - STGW80H65FB-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
More results

Similar Description - STGW80H65FB-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WSYN MACOM-WSYN Datasheet
68Kb / 1P
   Paralleling Relays
logo
Microchip Technology
VP2450 MICROCHIP-VP2450 Datasheet
575Kb / 14P
   Ease of Paralleling
06/23/16
logo
IXYS Corporation
IXA20IF1200HB IXYS-IXA20IF1200HB Datasheet
129Kb / 6P
   Easy paralleling due to the positive temperature Easy paralleling due to the positive temperature
logo
Micross Components
ASJE1200R063 MICROSS-ASJE1200R063 Datasheet
222Kb / 7P
   Positive Temperature Coeffi cient for Ease of Paralleling
logo
STMicroelectronics
AN2842 STMICROELECTRONICS-AN2842 Datasheet
902Kb / 22P
   Paralleling of power MOSFETs in PFC topology
logo
IXYS Corporation
IXA20I1200PB IXYS-IXA20I1200PB Datasheet
106Kb / 4P
   Easy paralleling due to the positive temperature
logo
Micross Components
ASJD1200R045 MICROSS-ASJD1200R045 Datasheet
148Kb / 4P
   Positive Temperature Coeffi cient for Ease of Paralleling
ASJD1200R085 MICROSS-ASJD1200R085 Datasheet
223Kb / 7P
   Positive Temperature Coeffi cient for Ease of Paralleling
logo
International Rectifier
IRFY130 IRF-IRFY130 Datasheet
167Kb / 7P
   Simple Drive Requirements Ease of Paralleling Hermetically Sealed
logo
SICK AG
FLA-PWRI00001 SICK-FLA-PWRI00001 Datasheet
545Kb / 5P
   SAFE SERIES CONNECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com