Electronic Components Datasheet Search |
|
SR1206JR-139R76L Datasheet(PDF) 9 Page - YAGEO Corporation |
|
SR1206JR-139R76L Datasheet(HTML) 9 Page - YAGEO Corporation |
9 / 12 page SERIES YC/TC 102 to 358 Chip Resistor Surface Mount www.yageo.com Feb. 16, 2017 V.5 Product specification 9 12 FUNCTIONAL DESCRIPTION O OP PE ER RA AT TIIN NG G T TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E YC102/104/122/162, TC122/124 Range: -55℃ to +125℃ (Fig.13) YC124/164/248/324/158T/358L/358T, TC164 Range: -55℃ to +155℃(Fig.14) P PO OW WE ER R R RA AT TIIN NG G Each type rated power at 70℃ YC102/104 = 1/32 W YC122/124/162/164/248/158T/358L/358T = 1/16 W YC324 = 1/8 W TC122/124/164 = 1/16 W RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V= (PxR) or max. working voltage whichever is less Where V=Continuous rated DC or AC (rms) working voltage (V) P=Rated power (W) R=Resistance value (Ω ) Fig. 14 Maximum dissipation (P) in percentage of rated power as a function of the operating ambient temperature (Tamb) Fig. 13 Maximum dissipation (P) in percentage of rated power as a function of the operating ambient temperature (Tamb) |
Similar Part No. - SR1206JR-139R76L |
|
Similar Description - SR1206JR-139R76L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |