Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X20CLSNIG Datasheet(PDF) 6 Page - Winbond

Part # W25X20CLSNIG
Description  2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X20CLSNIG Datasheet(HTML) 6 Page - Winbond

Back Button W25X20CLSNIG Datasheet HTML 2Page - Winbond W25X20CLSNIG Datasheet HTML 3Page - Winbond W25X20CLSNIG Datasheet HTML 4Page - Winbond W25X20CLSNIG Datasheet HTML 5Page - Winbond W25X20CLSNIG Datasheet HTML 6Page - Winbond W25X20CLSNIG Datasheet HTML 7Page - Winbond W25X20CLSNIG Datasheet HTML 8Page - Winbond W25X20CLSNIG Datasheet HTML 9Page - Winbond W25X20CLSNIG Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
W25X20CL
Publication Release Date: August 06, 2015
- 6 -
Revision F
5.1
Package Types
W25X20CL are offered in 8-pin plastic 150-mil width SOIC (package code SN), 150-mil width VSOP8
(package code SV), 8-pad 6x5-mm WSON (package code ZP) and 2x3-mm USON (package code UX).
Refer to see figures 1a and 1b, respectively.
5.2 Chip Select (/CS)
The SPI Chip Select (/CS) pin enables and disables device operation. When /CS is high the device is
deselected and the Serial Data Output (DO, or IO0, IO1) pins are at high impedance. When deselected,
the devices power consumption will be at standby levels unless an internal erase, program or write
status register cycle is in progress. When /CS is brought low the device will be selected, power
consumption will increase to active levels and instructions can be written to and data read from the
device. After power-up, /CS must transition from high to low before a new instruction will be accepted.
The /CS input must track the VCC supply level at power-
up (see “Power-up Timing and Write inhibit
threshold
” and Figure 26). If needed, a pull-up resister on /CS can be used to accomplish this.
5.3 Serial Data Input, Output and IOs (DI, DO, IO0 and IO1)
The W25X20CL support standard SPI and Dual SPI operation. Standard SPI instructions use the
unidirectional DI (input) pin to serially write instructions, addresses or data to the device on the rising
edge of the Serial Clock (CLK) input pin. Standard SPI also uses the unidirectional DO (output) to read
data or status from the device on the falling edge of CLK.
Dual SPI instructions use the bidirectional IO pins to serially write instructions, addresses or data to the
device on the rising edge of CLK and read data or status from the device on the falling edge of CLK.
5.4
Write Protect (/WP)
The Write Protect (/WP) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (TB, BP1 and BP0) bits and Status Register Protect
(SRP) bit, a portion or the entire memory array can be hardware protected. The /WP pin is active low.
5.5
HOLD (/HOLD)
The Hold (/HOLD) pin allows the device to be paused while it is actively selected. When /HOLD is
brought low, while /CS is low, the DO pin will be at high impedance and signals on the DI and CLK pins
will be ignored (don’t care). When /HOLD is brought high, device operation can resume. The /HOLD
function can be useful when multiple devices are sharing the same SPI signals.
5.6
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations.


Similar Part No. - W25X20CLSNIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X20CLSNIG WINBOND-W25X20CLSNIG Datasheet
1Mb / 51P
   2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X20CLSNIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X05CL WINBOND-W25X05CL Datasheet
1Mb / 51P
   2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com