Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725A
Description  1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24725A Datasheet(HTML) 1 Page - Texas Instruments

  BQ24725A Datasheet HTML 1Page - Texas Instruments BQ24725A Datasheet HTML 2Page - Texas Instruments BQ24725A Datasheet HTML 3Page - Texas Instruments BQ24725A Datasheet HTML 4Page - Texas Instruments BQ24725A Datasheet HTML 5Page - Texas Instruments BQ24725A Datasheet HTML 6Page - Texas Instruments BQ24725A Datasheet HTML 7Page - Texas Instruments BQ24725A Datasheet HTML 8Page - Texas Instruments BQ24725A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
R
SR
Adapter
4.5-24V
HOST
bq24725A
Hybrid Power
Boost Charge
Controller
SYS
Battery
Pack
N-FET Driver
N-FET Driver
1S-4S
SMBus
SMBus Controls V & I
with high accuracy
Adapter Detection
Enhanced Safety:
OCP, OVP, FET Short
Integration:
Loop Compensation; Soft-Start
Comparator
R
AC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24725A
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
bq24725A 1-4 Cell Li+ Battery SMBus Charge Controller with N-Channel Power MOSFET
Selector and Advanced Circuit Protection
1 Features
3 Description
The bq24725A is a high-efficiency, synchronous
1
SMBus Host-Controlled NMOS-NMOS
battery charger, offering low component count for
Synchronous Buck Converter with Programmable
space-constraint, multi-chemistry battery charging
615kHz, 750kHz, and 885kHz Switching
applications.
Frequencies
The
bq24725A
utilizes
two
charge
pumps
to
Automatic N-channel MOSFET Selection of
separately
drive
n-channel
MOSFETs
(ACFET,
System Power Source from Adapter or Battery
RBFET and BATFET) for automatic system power
Driven by Internal Charge Pumps
source selection.
Enhanced Safety Features for Over Voltage
SMBus controlled input current, charge current, and
Protection, Over Current Protection, Battery,
charge voltage DACs allow for very high regulation
Inductor and MOSFET Short Circuit Protection
accuracies that can be easily programmed by the
Programmable Input Current, Charge Voltage,
system power management micro-controller.
Charge Current Limits
The bq24725A uses internal input current register or
±0.5% Charge Voltage Accuracy up to 19.2V
external ILIM pin to throttle down PWM modulation to
±3% Charge Current Accuracy up to 8.128A
reduce the charge current.
±3% Input Current Accuracy up to 8.064A
The bq24725A charges one, two, three or four series
±2% 20x Adapter Current or Charge Current
Li+ cells.
Amplifier Output Accuracy
Device Information(1)
Programmable Battery Depletion Threshold, and
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Battery LEARN Function
bq24725A
VQFN (20)
3.50mm x 3.50mm
Programmable Adapter Detection and Indicator
(1) For all available packages, see the orderable addendum at
Integrated Soft Start
the end of the datasheet.
Integrated Loop Compensation
Real Time System Control on ILIM pin to Limit
Charge Current
AC Adapter Operating Range 4.5V-24V
5µA Off-State Battery Discharge Current
0.65mA (0.8mA max) Adapter Standby Quiescent
Current
20-pin 3.5 x 3.5 mm2 VQFN Package
2 Applications
Portable Notebook Computers, UMPC, Ultra-Thin
Notebook, and Netbook
Handheld Terminal
Industrial and Medical Equipment
Portable Equipment
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24725A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRT TI1-BQ24725ARGRT Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com