Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BQ24725ARGRR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. BQ24725ARGRR
Description  1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 12Page - Texas Instruments BQ24725ARGRR Datasheet HTML 13Page - Texas Instruments BQ24725ARGRR Datasheet HTML 14Page - Texas Instruments BQ24725ARGRR Datasheet HTML 15Page - Texas Instruments BQ24725ARGRR Datasheet HTML 16Page - Texas Instruments BQ24725ARGRR Datasheet HTML 17Page - Texas Instruments BQ24725ARGRR Datasheet HTML 18Page - Texas Instruments BQ24725ARGRR Datasheet HTML 19Page - Texas Instruments BQ24725ARGRR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
A =START CONDITION
E=SLAVEPULLSSMBDATA LINELOW
I= ACKNOWLEDGECLOCKPULSE
B=MSBOF ADDRESSCLOCKEDINTOSLAVE
F= ACKNOWLEDGEBIT CLOCKEDINTOMASTER
J=STOP CONDITION
C=LSBOF ADDRESSCLOCKEDINTOSLA VE
G=MSBOFDATA CLOCKEDINTOMASTER
K=NEWSTART CONDITION
D=R/WBIT CLOCKEDINTOSLAVE
H=LSBOFDATA CLOCKEDINTOMASTER
A
B
C
D
EF
G
H
IJK
t
LOW
t
HIGH
SMBCLK
SMBDATA
bq24725A
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
Feature Description (continued)
Figure 12. SMBus Write Timing
Figure 13. SMBus Read Timing
8.4 Device Functional Modes
8.4.1 Adapter Detect and ACOK Output
The bq24725A uses an ACOK comparator to determine the source of power on VCC pin, either from the battery
or adapter. An external resistor voltage divider attenuates the adapter voltage before it goes to ACDET. The
adapter detect threshold should typically be programmed to a value greater than the maximum battery voltage,
but lower than the maximum allowed adapter voltage.
The open drain ACOK output requires external pull up resistor to system digital rail for a high level. It can be
pulled to external rail under the following conditions:
VVCC > UVLO;
2.4V < VACDET < 3.15V (not in ACOVP condition, nor in low input voltage condition);
VVCC–VSRN > 275mV (not in sleep mode);
The first time after IC POR always gives 150ms ACOK rising edge delay no matter what the ChargeOption
register value is. Only after the ACDET pin voltage is pulled below 2.4V (but not below 0.6V, which resets the IC
and forces the next ACOK rising edge deglitch time to be 1.3s) and the ACFET has been turned off at least one
time, the 1.3s (or 150ms) delay time is effective for the next time the ACDET pin voltage goes above 2.4V. To
change this option, the VCC pin voltage must above UVLO, and the ACDET pin voltage must be above 0.6V
which enables the IC SMBus communication and sets ChargeOption() bit[15] to 0 which sets the next ACOK
rising deglitch time to be 150ms. The purpose of the default 1.3s rising edge deglitch time is to turn off the
ACFET long enough when the ACDET pin is pulled below 2.4V by excessive system current, such as over
current or short circuit.
16
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
Silan Microelectronics Joint-stock
Silan Microelectronics ...
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
   TWO CELL LI BATTERY PROTECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com