Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BQ24725ARGRR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. BQ24725ARGRR
Description  1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 16Page - Texas Instruments BQ24725ARGRR Datasheet HTML 17Page - Texas Instruments BQ24725ARGRR Datasheet HTML 18Page - Texas Instruments BQ24725ARGRR Datasheet HTML 19Page - Texas Instruments BQ24725ARGRR Datasheet HTML 20Page - Texas Instruments BQ24725ARGRR Datasheet HTML 21Page - Texas Instruments BQ24725ARGRR Datasheet HTML 22Page - Texas Instruments BQ24725ARGRR Datasheet HTML 23Page - Texas Instruments BQ24725ARGRR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
bq24725A
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
8.4.11 Discontinuous Conduction Mode (DCM)
During the HSFET off time when LSFET is on, the inductor current decreases. If the current goes to zero, the
converter enters Discontinuous Conduction Mode. Every cycle, when the voltage across SRP and SRN falls
below 5mV (0.5A on 10m
Ω), the under current-protection comparator (UCP) turns off LSFET to avoid negative
inductor current, which may boost the system via the body diode of HSFET.
During the DCM mode the loop response automatically changes. It changes to a single pole system and the pole
is proportional to the load current.
Both CCM and DCM are synchronous operation with LSFET turn-on every clock cycle. If the average charge
current goes below 125mA on 10m
Ω current sensing resistor or the battery voltage falls below 2.5V, the LSFET
keeps turn-off. The battery charger operates in non-synchronous mode and the current flows through the LSFET
body diode. During non-synchronous operation, the LSFET turns on only for a refreshing pulse to charge the
BTST capacitor. If the average charge current goes above 250mA on 10m
Ω current sensing resistor, the LSFET
exits non-synchronous mode and enters synchronous mode to reduce LSFET power loss.
8.4.12 Input Over Current Protection (ACOC)
The bq24725A cannot maintain the input current level if the charge current has been already reduced to zero.
After the system current continues increasing to the 3.33X of input current DAC set point (with 4.2ms blank out
time), ACFET/RBFET is latches off and an adapter removal and system shutdown is required to force ACDET <
0.6V to reset IC. After IC reset from latch off, ACFET/RBFET can be turned on again.
The ACOC function threshold can be set to 3.33x of input DPM current or disable this function via SMBus
command (ChargeOption() bit [1]).
8.4.13 Charge Over Current Protection (CHGOCP)
The bq24725A has a cycle-by-cycle peak over current protection. It monitors the voltage across SRP and SRN,
and prevents the current from exceeding of the threshold based on the DAC charge current set point. The high-
side gate drive turns off for the rest of the cycle when the over current is detected, and resumes when the next
cycle starts.
The charge OCP threshold is automatically set to 6A, 9A, and 12A on a 10m
Ω current sensing resistor based on
charge current register value. This prevents the threshold to be too high which is not safe or too low which can
be triggered in normal operation. Proper inductance should be selected to prevent OCP triggered in normal
operation due to high inductor current ripple.
8.4.14 Battery Over Voltage Protection (BATOVP)
The bq24725A will not allow the high-side and low-side MOSFET to turn-on when the battery voltage at SRN
exceeds 104% of the regulation voltage set-point. If BATOVP last over 30ms, charger is completely disabled.
This allows quick response to an over-voltage condition – such as occurs when the load is removed or the
battery is disconnected. A 4mA current sink from SRP to GND is on only during BATOVP and allows discharging
the stored output inductor energy that is transferred to the output capacitors. Set ChargeVoltage() register value
to 0V will not trigger BATOVP function.
8.4.15 Battery Shorted to Ground (BATLOWV)
The bq24725A will limit inductor current if the battery voltage on SRN falls below 2.5V. After 1ms charge is reset.
After 4-5 ms the charge is resumed with soft-start if all the enable conditions in the “Enable and Disable
Charging” sections are satisfied. This prevents any overshoot current in inductor which can saturate inductor and
may damage the MOSFET. The charge current is limited to 0.5A on 10m
Ω current sensing resistor when
BATLOWV condition persists and LSFET keeps off. The LSFET turns on only for a refreshing pulse to charge
BTST capacitor.
8.4.16 Thermal Shutdown Protection (TSHUT)
The QFN package has low thermal impedance, which provides good thermal conduction from the silicon to the
ambient, to keep junctions temperatures low. As added level of protection, the charger converter turns off for self-
protection whenever the junction temperature exceeds the 155°C. The charger stays off until the junction
temperature falls below 135°C. During thermal shut down, the REGN LDO current limit is reduced to 16mA.
Once the temperature falls below 135°C, charge can be resumed with soft start.
20
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
Silan Microelectronics Joint-stock
Silan Microelectronics ...
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
   TWO CELL LI BATTERY PROTECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com