Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24725ARGRR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24725ARGRR
Description  1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 20Page - Texas Instruments BQ24725ARGRR Datasheet HTML 21Page - Texas Instruments BQ24725ARGRR Datasheet HTML 22Page - Texas Instruments BQ24725ARGRR Datasheet HTML 23Page - Texas Instruments BQ24725ARGRR Datasheet HTML 24Page - Texas Instruments BQ24725ARGRR Datasheet HTML 25Page - Texas Instruments BQ24725ARGRR Datasheet HTML 26Page - Texas Instruments BQ24725ARGRR Datasheet HTML 27Page - Texas Instruments BQ24725ARGRR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
(
)
ILIM
SRP
SRN
CHG
SR
V
= 20 ×
V
V
= 20
I
R
-
´
´
bq24725A
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
The SRP and SRN pins are used to sense RSR with default value of 10mΩ. However, resistors of other values
can also be used. For a larger sense resistor, a larger sense voltage is given, and a higher regulation accuracy;
but, at the expense of higher conduction loss. If the current sensing resistor value is too high, it may trigger an
over current protection threshold because the current ripple voltage is too high. In such a case, either a higher
inductance value or a lower current sensing resistor value should be used to limit the current ripple voltage level.
A current sensing resistor value no more than 20m
Ω is suggested.
To provide secondary protection, the bq24725A has an ILIM pin with which the user can program the maximum
allowed charge current. Internal charge current limit is the lower one between the voltage set by
ChargeCurrent(), and voltage on ILIM pin. To disable this function, the user can pull ILIM above 1.6V, which is
the maximum charge current regulation limit. Equation 2 shows the voltage set on ILIM pin with respect to the
preferred charge current limit:
(2)
Figure 15. Charge Current Register (0x14H), Using 10m
Ω Sense Resistor
15
14
13
12
11
10
9
8
Not in use
Not in use
Not in use
Charge
Charge
Charge
Charge
Charge
Current,
Current,
Current,
Current,
Current,
DACICHG 6
DACICHG 5
DACICHG 4
DACICHG 3
DACICHG 2
R/W
R/W
R/W R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Charge
Charge
Not in use
Not in use
Not in use
Not in use
Not in use
Not in use
Current,
Current,
DACICHG 1
DACICHG 0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 4. Charge Current Register (0x14H), Using 10m
Ω Sense Resistor
Bit
Field
Type
Reset
Description
[15]
Not in use
R/W
Not used.
[14]
Not in use
R/W
Not used.
[13]
Not in use
Not used.
[12]
Charge Current, DACICHG 6
R/W
0 = Adds 0mA of charger current.
1 = Adds 4096mA of charger current.
[11]
Charge Current, DACICHG 5
R/W
0 = Adds 0mA of charger current.
1 = Adds 2048mA of charger current.
[10]
Charge Current, DACICHG 4
R/W
0 = Adds 0mA of charger current.
1 = Adds 1024mA of charger current.
[9]
Charge Current, DACICHG 3
R/W
0 = Adds 0mA of charger current.
1 = Adds 512mA of charger current.
[8]
Charge Current, DACICHG 2
R/W
0 = Adds 0mA of charger current.
1 = Adds 256mA of charger current.
[7]
Charge Current, DACICHG 1
R/W
0 = Adds 0mA of charger current.
1 = Adds 128mA of charger current.
[6]
Charge Current, DACICHG 0
R/W
0 = Adds 0mA of charger current.
1 = Adds 64mA of charger current.
[5]
Not in use
R/W
Not used.
[4]
Not in use
R/W
Not used.
[3]
Not in use
R/W
Not used.
[2]
Not in use
R/W
Not used.
[1]
Not in use
R/W
Not used.
[0]
Not in use
R/W
Not used.
24
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com