Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BQ24725ARGRR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part No. BQ24725ARGRR
Description  1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24725ARGRR Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ24725ARGRR Datasheet HTML 32Page - Texas Instruments BQ24725ARGRR Datasheet HTML 33Page - Texas Instruments BQ24725ARGRR Datasheet HTML 34Page - Texas Instruments BQ24725ARGRR Datasheet HTML 35Page - Texas Instruments BQ24725ARGRR Datasheet HTML 36Page - Texas Instruments BQ24725ARGRR Datasheet HTML 37Page - Texas Instruments BQ24725ARGRR Datasheet HTML 38Page - Texas Instruments BQ24725ARGRR Datasheet HTML 39Page - Texas Instruments BQ24725ARGRR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
VCC
BATDRV
REGN
BTST
HIDRV
PHASE
LODRV
GND
SRP
SRN
Q4
Sis412DN
L1
4.7µH
SYSTEM
C10
10 µF
RSR
10 mW
R1
430 kW
R2
487 kW
C2
0.1µF
U1
bq24725A
C8
10uF
Q3
Sis412DN
C7
0.047µF
Adapter +
RAC 10 mW
Pack +
C6
1µF
HOST
Dig I/O
SMBus
+3.3V
C4
100 pF
R4
R5
R7
549 k
W
ACN
ACP
CMSRC
ACDRV
ACDET
ILIM
SDA
SCL
ACOK
IOUT
Din
BAT54A
R9
4.7 W
R3
10 kW
R8
100 kW
R10
4.02 kW
R11
4.02 kW
D1
BAT54
C9
10uF
C11
10 µF
Pack -
C3
0.1µF
C5
1µF
R6
4.02 kW
C1
0.1 µF
Total
Csys
220 µF
Adapter -
ADC
Q1 (ACFET)
FDS6680A
Q2 (RBFET)
FDS6680A
PowerPad
C13
0.1µF
C14
0.1µF
R14
10 W
R15
7.5 W
*
*
C17
2200pF
C16
0.047µF
R12
100 kW
Q5 (BATFET)
Si4435DDY
D2
SL42
10 kW
10 kW
*
*
bq24725A
SLUSAL0A – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
System Examples (continued)
Fs = 750kHz, IADPT = 2.048A, ICHRG = 1.984A, ILIM = 2.54A, VCHRG = 4.200V, 12W adapter and 1S2P battery pack
Use 0
Ω for better current sensing accuracy, use 10Ω/7.5Ω resistor for reversely battery connection protection. See
application information about negative output voltage protection for hard shorts on battery to ground or battery
reversely connection.
The total Csys is the total lump sum of system capacitance. It is not required by charger IC. Use Din for reverse input
voltage protection. See application information about reverse input voltage protection.
Figure 26. Typical System Schematic for 5V Input 1S Battery
10 Power Supply Recommendations
When adapter is attached, and ACOK goes HIGH, the system is connected to adapter through ACFET/RBFET.
An external resistor voltage divider attenuates the adapter voltage before it goes to ACDET. The adapter detect
threshold should typically be programmed to a value greater than the maximum battery voltage, but lower than
the IC maximum allowed input voltage and system maximum allowed voltage.
When adapter is removed, the system is connected to battery through BATFET. Typically the battery depletion
threshold should be greater than the minimum system voltage so that the battery capacity can be fully utilized for
maximum battery life.
36
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: bq24725A


Similar Part No. - BQ24725ARGRR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725ARGRR TI1-BQ24725ARGRR Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725ARGRR TI-BQ24725ARGRR Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
More results

Similar Description - BQ24725ARGRR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
[Old version datasheet]   1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
Silan Microelectronics Joint-stock
Silan Microelectronics ...
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
   TWO CELL LI BATTERY PROTECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com