Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4260 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T4260
Description  AM/FM Front End IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4260 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T4260 Datasheet HTML 2Page - ATMEL Corporation T4260 Datasheet HTML 3Page - ATMEL Corporation T4260 Datasheet HTML 4Page - ATMEL Corporation T4260 Datasheet HTML 5Page - ATMEL Corporation T4260 Datasheet HTML 6Page - ATMEL Corporation T4260 Datasheet HTML 7Page - ATMEL Corporation T4260 Datasheet HTML 8Page - ATMEL Corporation T4260 Datasheet HTML 9Page - ATMEL Corporation T4260 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
T4260
4528G–AUDR–12/03
9
AM Mixer (Symmetrical Input)
9.1
Frequency range
0.075
26
MHz
B
9.2
Input IP3
133
dBµV
C
9.3
Input impedance
2.5
k
D
9.4
Noise figure
F
10
dB
C
9.5
Conversion
transconductance
2.6
3.1
3.6
mS
D
(1)
10
Isolation
10.1
Isolation AM-FM
40
dB
C
10.2
IF suppression
40
dB
C
11
RF-AGC
11.1
Frequency range
FM
AM
75
0.075
163
26
MHz
MHz
A
11.2
Output current
FM
AM
5
5
mA
mA
B
11.3
Output current time
constant
FM rising
FM falling
AM symmetrical
2
50
40
ms
ms
ms
C
11.4
RF-AGC AM threshold
(programmable with
Bit 12 - Bit 15)
88 dBµV
42
87
88
90
dBµV
A
(1)
89 dBµV
42
88
89
91
dBµV
A
(1)
90 dBµV
42
89
90
92
dBµV
A
(1)
91 dBµV
42
90
91
93
dBµV
A
(1)
92 dBµV
42
91
92
94
dBµV
A
(1)
93 dBµV
42
92
93
95
dBµV
A
(1)
94 dBµV
42
93
94
96
dBµV
A
(1)
95 dBµV
42
94
95
97
dBµV
A
(1)
96 dBµV
42
95
96
98
dBµV
A
(1)
97 dBµV
42
96
97
99
dBµV
A
(1)
98 dBµV
42
97
98
100
dBµV
A
(1)
99 dBµV
42
98
99
101
dBµV
A
(1)
100 dBµV
42
99
100
102
dBµV
A
(1)
101 dBµV
42
100
101
103
dBµV
A
(1)
102 dBµV
42
101
102
104
dBµV
A
(1)
103 dBµV
42
102
103
107
dBµV
A
(1)
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): VST/VSPLL = +8.5 V, Tamb = +25° C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Minimum and maximum limits are characterized for entire temperature range (-40
° C to +85° C) but are tested at +25° C


Similar Part No. - T4260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260 Datasheet
741Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
741Kb / 34P
   AM/FM Front End IC
T4260-ILQH ATMEL-T4260-ILQH Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260-ILSH ATMEL-T4260-ILSH Datasheet
741Kb / 34P
   AM/FM Front End IC
More results

Similar Description - T4260

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T4260 ATMEL-T4260_09 Datasheet
698Kb / 34P
   AM/FM Front End IC
T4260 ATMEL-T4260_08 Datasheet
741Kb / 34P
   AM/FM Front End IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR4262M1 ATMEL-ATR4262M1 Datasheet
230Kb / 12P
   Broadcast Radio Front-end IC for AM/FM/DRM/HD Radio
logo
STMicroelectronics
TDA7227 STMICROELECTRONICS-TDA7227 Datasheet
169Kb / 5P
   SINGLE-CHIP AM/FM RADIO WITH FRONT-END
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
[Old version datasheet]   RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com