Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7314 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS7314
Description  3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7314 Datasheet(HTML) 5 Page - Texas Instruments

  THS7314 Datasheet HTML 1Page - Texas Instruments THS7314 Datasheet HTML 2Page - Texas Instruments THS7314 Datasheet HTML 3Page - Texas Instruments THS7314 Datasheet HTML 4Page - Texas Instruments THS7314 Datasheet HTML 5Page - Texas Instruments THS7314 Datasheet HTML 6Page - Texas Instruments THS7314 Datasheet HTML 7Page - Texas Instruments THS7314 Datasheet HTML 8Page - Texas Instruments THS7314 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
THS7314
www.ti.com
SLOS513A
– DECEMBER 2006 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS VS+ = 5 V:
RL = 150Ω to GND – Reference Figure 2 and Figure 3 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40°C to
MIN/
25
°C
25
°C
UNITS
70
°C
85
°C
MAX
AC PERFORMANCE
Small-signal bandwidth (
–3dB)
VO – 0.2 VPP
(1)
8.5
6.7/10.3
6.6/10.5
6.5/10.6
MHz
Min/Max
Large-signal bandwidth (
–3dB)
VO – 2 VPP
(1)
8.5
6.7/10.3
6.6/10.5
6.5/10.6
MHz
Min/Max
–1dB Passband bandwidth
7
MHz
Typ
Attenuation
f = 6 MHz
0.45
–0.3/2.4
–0.35/2.5
–0.4/2.6
dB
Min/Max
With respect to 100kHz
f = 27 MHz
47
36
35
34
dB
Min
Group delay
f = 100 kHz
57
ns
Typ
Group delay variation
f = 5.1 MHz
10
ns
Typ
with respect to 100kHz
Channel-to-channel delay
0.3
ns
Typ
Differential gain
NTSC / PAL
0.1 / 0.1
%
Typ
Differential phase
NTSC / PAL
0.1 / 0.1
°
Typ
Total harmonic distortion
f = 1 MHz; VO =2 VPP
–66
dB
Typ
Signal to noise ratio
NTC-7 Weighting, 100kHz to 4.2MHz
79.6
dB
Typ
Channel-to-channel crosstalk
f = 1 MHz, Worst Case Channels
–60
dB
Typ
AC Gain
– All channels
6
5.7/6.3
5.65/6.35
5.65/6.35
dB
Min/Max
Output Impedance
f = 5 MHz
0.62
Typ
DC PERFORMANCE
Biased output voltage
VI = 0 V
290
210/370
200/380
190/390
mV
Min/Max
Input voltage range
Limited by output
–0.1/2.3
V
Typ
Sync tip clamp charge current
VI = –0.1V
180
μA
Typ
Input resistance
800
k
Typ
Input capacitance
2
pF
Typ
OUTPUT CHARACTERISTICS
RL = 150 Ω to Midrail
4.85
V
Typ
RL = 150 Ω to GND
4.7
4.2
4.1
4.1
V
Min
High output voltage swing
RL = 75 Ω to Midrail
4.7
V
Typ
RL = 75 Ω to GND
4.5
V
Typ
RL = 150 Ω to Midrail (VI = –0.2V)
0.2
V
Typ
RL = 150 Ω to GND (VI = –0.2V)
0.12
0.23
0.26
0.27
V
Max
Low output voltage swing
RL = 75 Ω to Midrail (VI = –0.2V)
0.35
V
Typ
RL = 75 Ω to GND (VI = –0.2V)
0.1
V
Typ
Output current (sourcing)
RL = 10 Ω to Midrail
90
mA
Typ
Output current (sinking)
RL = 10 Ω to Midrail
85
mA
Typ
POWER SUPPLY
Maximum operating voltage
See (1)
5
5.5
5.5
5.5
V
Max
Minimum operating voltage
See (1)
5
2.85
2.85
2.85
V
Min
Maximum quiescent current
VI = 0V
17
22
24
25
mA
Max
Minimum quiescent current
VI = 0V
17
12.5
12
11.5
mA
Min
Power Supply Rejection (+PSRR)
55
dB
Typ
(1)
The Min/Max values listed for this specification are specified by design and characterization only.
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :THS7314


Similar Part No. - THS7314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314D TI-THS7314D Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314D TI1-THS7314D Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7374 TI-THS7374 Datasheet
817Kb / 37P
[Old version datasheet]   4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com