Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSV26K0683K Datasheet(PDF) 2 Page - AVX Corporation

Part # FSV26K0683K
Description  Medium Power Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FSV26K0683K Datasheet(HTML) 2 Page - AVX Corporation

  FSV26K0683K Datasheet HTML 1Page - AVX Corporation FSV26K0683K Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
32
Medium Power Film Capacitors
FSV (RoHS Compliant)
Part Number
Capacitance
D max.
Irms
Rs
Rth
Typical
(μF)
mm (in)
A
(m )
°C/W
Weight (g)
FSV 600 V
Vndc = 600V
Vrms = 300V
(Voltage Code K)
FSV16K0683K--
0.068
22 (0.866)
10
2.5
35
15
FSV26K0104K--
0.10
25 (0.984)
15
2.1
25
25
FSV26K0154K--
0.15
30 (1.181)
23
1.8
17
25
FSV 800 V
Vndc = 800V
Vrms = 400V
(Voltage Code B
FSV16B0473K--
0.047
22 (0.866)
10
2.6
33
15
FSV26B0683K--
0.068
25 (0.984)
15
2.2
23
25
FSV26B0823K--
0.082
28 (1.102)
18
2.1
21
25
FSV26B0104K--
0.100
30 (1.181)
23
1.9
16
25
FSV 1000 V
Vndc = 1000V
Vrms = 450V
(Voltage Code L)
FSV16L0333K--
0.033
22 (0.866)
8
2.8
31
15
FSV26L0473K--
0.047
25 (0.984)
12
2.3
22
25
FSV26L0683K--
0.068
30 (1.181)
17
2.0
16
25
FSV 1200 V
Vndc = 1200V
Vrms = 500V
(Voltage Code U)
FSV16U0223K--
0.022
22 (0.866)
7
3.2
34
15
FSV26U0333K--
0.033
25 (0.984)
10
2.2
23
25
FSV26U0473K--
0.047
30 (1.181)
14
2.1
16
25
FSV 1500 V
Vndc = 1500V
Vrms = 600V
(Voltage Code R)
FSV16R0153K--
0.015
22 (0.866)
5
3.5
34
15
FSV26R0223K-
0.022
25 (0.984)
8
2.8
22
25
FSV26R0333K-
0.033
30 (1.181)
12
2.2
16
25
FSV 2000 V
Vndc = 2000V
Vrms = 650V
(Voltage Code N)
FSV16N0103K--
0.010
22 (0.866)
5
3.4
34
15
FSV26N0153K--
0.015
25 (0.984)
7
2.9
21
25
FSV26N0203K--
0.020
27 (1.063)
10
2.4
16
25
FSV26N0223K--
0.022
30 (1.181)
11
2.4
14
25
ELECTRICAL CHARACTERISTICS
Capacitance Range Cn
0.010μF to 0.15μF
Tolerance on Cn
10%
Rated DC Voltage Vndc
600 to 2000 V
Rated AC Voltage
300 to 650 Vrms
Test Voltage
between terminals @ 25°C
1.5 Vndc during 10s
High dV/dt
10000 V/μs
RMS Current
Irms max = up to 23A
The currents shown in the tables are maximum.
It is necessary to respect the thermal limits of the dielectric 85°C
See “Hot spot temperature calculation”
Working Temperature
-40°C +85°C
(according to the power to be dissipated)
Climatic Category
40/085/56 (IEC 60068)
Hot Spot Calculation
See Hot Spot Temperature page 3
For all applications, the temperature in the hot spot capacitor must be lower than 85°C
Hot spot =
ambient + (tan
δ
0 x Q + Rs Irms
2
) x Rth
With tg
δ o = 2.10-4
Q in vars Rs in
Irms in A Rth in °C/W
Dielectric
Polypropylene
RATINGS AND PART NUMBER REFERENCE


Similar Part No. - FSV26K0683K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
   Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
FSV20120V ONSEMI-FSV20120V Datasheet
186Kb / 5P
   Ultra-Low VF Schottky Rectifier, 20 A, 120 V
April, 2020 ??Rev. 3
FSV2050V ONSEMI-FSV2050V Datasheet
189Kb / 5P
   Schottky Rectifier 20 A, 50 V Ultra-Low VF
April, 2020 - Rev. 3
logo
Fairchild Semiconductor
FSV240AF FAIRCHILD-FSV240AF Datasheet
114Kb / 5P
   Low Forward Voltage Drop: 0.5 V Maximum at 2 A
More results

Similar Description - FSV26K0683K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com