Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPX66Z0105J Datasheet(PDF) 3 Page - AVX Corporation

Part # FPX66Z0105J
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FPX66Z0105J Datasheet(HTML) 3 Page - AVX Corporation

  FPX66Z0105J Datasheet HTML 1Page - AVX Corporation FPX66Z0105J Datasheet HTML 2Page - AVX Corporation FPX66Z0105J Datasheet HTML 3Page - AVX Corporation FPX66Z0105J Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
84
JUNE 2015
* Tol: +0 / -3mm for H ≥ 118mm
Medium Power Film Capacitors
FPX (FPY RoHS Compliant) Table of Values
Dimensions
I2.t
Irms
Rs
Rth
Cn
Case
H*
h
d
max.
max.
Typical
Part Number
(μF)
Style
±0.5
±2
D
±0.5
(A2.s)
(A)
(m )
(°C/W)
Weight (g)
(±0.020)
(±0.079)
max.
(±0.020)
FPX 2000V
Vndc = 1000V
Vpeak = 1600V
Vrms = 560V
Vs = 2000V
(Voltage Code N)
FPX66N0105J--
1
Plastic case M6/6
52 (2.072)
5 (0.197)
40 (1.575
18 (0.709)
2
15
2.4
14)
120
FPX86N0205J--
2
Plastic case M8/8
52 (2.072)
5 (0.197)
60 (2.362)
22 (0.866)
8
30
1.2
6.1
190
FPX86N0305J--
3
Plastic case M8/8
52 (2.072)
5 (0.197)
72 (2.835)
22 (0.866)
18
45
0.9
4.5
260
FPX86N0355J--
3.5
Plastic case M8/8
52 (2.072)
5 (0.197)
72 (2.835)
22 (0.866)
25
50
0.85
4.5
260
FPX86N0405J--
4
Plastic case M8/8
52 (2.072)
5 (0.197)
82 (3.228)
22 (0.866)
32
60
0.75
3.5
320
FPX86N0505J--
5
Plastic case M8/8
52 (2.072)
5 (0.197)
82 (3.228)
22 (0.866)
50
70
0.65
2.5
320
FPX 2500V
Vndc = 1300V
Vpeak = 2000V
Vrms = 700V
Vs = 2500V
(Voltage Code P)
FPX66P0504J--
0.5
Plastic case M6/6
52 (2.072)
5 (0.197)
40 (1.575)
18 (0.709)
1
15
3
14
120
FPX86P0105J--
1
Plastic case M8/8
52 (2.072)
5 (0.197)
60 (2.362)
22 (0.866)
3
20
2.3
10.5
190
FPX86P0155J--
1.5
Plastic case M8/8
52 (2.072)
5 (0.197)
60 (2.362)
22 (0.866)
7
30
1.5
6.1
190
FPX86P0205J--
2
Plastic case M8/8
52 (2.072)
5 (0.197)
72 (2.835)
22 (0.866)
12.7
40
1.1
4.5
260
FPX86P0255J--
2.5
Plastic case M8/8
52 (2.072)
5 (0.197)
72 (2.835)
22 (0.866)
20
60
0.89
3.7
260
FPX86P0305J--
3
Plastic case M8/8
52 (2.072)
5 (0.197)
82 (3.228)
22 (0.866)
28
60
0.85
3.2
320
FPX86P0355J--
3.5
Plastic case M8/8
52 (2.072)
5 (0.197)
82 (3.228)
22 (0.866)
39
65
0.78
2.9
320
FPX 3500V
Vndc = 2000V
Vpeak = 2400V
Vrms = 850V
Vs = 3500V
(Voltage Code X)
FPX86X0205J--
2
Plastic case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
23
41
1.24
6.1
310
FPX86X0305J--
3
Plastic case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
50
62
0.92
3.9
475
FPX86X0355J--
3.5
Plastic case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
70
72
0.83
3.4
475
FPX86X0405J--
4
Plastic case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
85
80
0.78
3.1
475
FPX 4500V
Vndc = 2500V
Vpeak = 3200V
Vrms = 1130V
Vs = 4500V
(Voltage Code Z)
FPX86Z0904J--
0.9
Plastic case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
15
40
1.5
6.2
310
FPX86Z0105J--
1
Plastic case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
15
38
1.4
6.2
310
FPX86Z0205J--
2
Plastic case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
70
75
0.85
3.1
475
FPX 4600V
Vndc = 3000V
Vpeak = 4000V
Vrms = 1400V
V
s
s = 4600V
(Voltage Code Y)
FPX86Y0504J--
0.5
Plastic case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
7
40
1.7
12
310
FPX86Y0684J--
0.68
Plastic case M8/8
62 (2.441)
5 (0.197)
72 (2.835)
22 (0.866)
14
35
1.59
6.2
310
FPX86Y1254J--
1.25
Plastic case M8/8
62 (2.441)
5 (0.197)
92 (3.622)
22 (0.866)
50
65
1
3.3
475
FPX86Y0155J--
1.5
Plastic case M8/10
79 (3.110)
6 (0.236)
98 (3.858)
32
60
1.4
8.3
630
FPX86Y0175J--
1.7
Plastic case M8/10
79 (3.110)
6 (0.236)
98 (3.858)
40
70
1.3
7.4
630
FPX86Y0205J--
2
Plastic case M8/10
79 (3.110)
6 (0.236)
98 (3.858)
56
80
1.1
6.3
630
FPX86Y0255J--
2.5
Plastic case M8/10
118 (4.646)
6 (0.236)
98 (3.858)
200
130
0.8
1.1
1020
FPX86Y0275J--
2.7
Plastic case M8/10
118 (4.646)
6 (0.236)
98 (3.858)
232
140
0.7
1.1
1020
FPX86Y0305J--
3
Plastic case M8/10
143 (5.630)
6 (0.236)
98 (3.858)
128
100
0.9
1.5
1280
FPX86Y0355J--
3.5
Plastic case M8/10
143 (5.630)
6 (0.236)
98 (3.858)
170
110
0.8
1.4
1280
FPX86Y0405J--
4
Plastic case M8/10
143 (5.630)
6 (0.236)
98 (3.858)
224
115
0.8
1.4
1280
FPX86Y0455J--
4.5
Plastic case M8/10
163 (6.417)
6 (0.236)
98 (3.858)
522
120
0.6
1.7
1500
FPX86Y0505J--
5
Plastic case M8/10
163 (6.417)
6 (0.236)
98 (3.858)
600
130
0.6
1.7
1500
FPX86Y0605J--
6
Plastic case M8/10
163 (6.417)
6 (0.236)
98 (3.858)
729
160
0.5
1.7
1500
PROTECTION
Dimensions: millimeters (inches)


Similar Part No. - FPX66Z0105J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPX600-20 ETC1-FPX600-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX600F-20 ETC1-FPX600F-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX640-20 ETC1-FPX640-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX640F-20 ETC1-FPX640F-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
More results

Similar Description - FPX66Z0105J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com