Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPX86X0335J Datasheet(PDF) 4 Page - AVX Corporation

Part # FPX86X0335J
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FPX86X0335J Datasheet(HTML) 4 Page - AVX Corporation

  FPX86X0335J Datasheet HTML 1Page - AVX Corporation FPX86X0335J Datasheet HTML 2Page - AVX Corporation FPX86X0335J Datasheet HTML 3Page - AVX Corporation FPX86X0335J Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
JUNE 2015
85
Medium Power Film Capacitors
FPX (FPY RoHS Compliant) General / Application Notes
Choice of voltage: V1 ≤ Vpeak
V2 ≤ Vndc
Nominal DC voltage (Vndc) and peak voltage (Vpeak) are
given in the tables.
G.T.O.
Choice of voltage: V1 ≤ Vpeak
V2 ≤ Vndc
Nominal DC voltage (Vndc) and peak voltage (Vpeak)
are given in the tables.
CLAMPING
Choice of voltage: V1 ≤ Vpeak
Note that V1 is the voltage peak to peak and cannot be
symmetrical vs 0 V
Peak voltage is given in the tables.
V
0
T - 1/fr
V2
V1
t
THYRISTOR
PROTECTION
V
t
0V
V1


Similar Part No. - FPX86X0335J

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FPX FOX-FPX Datasheet
77Kb / 1P
   PLASTIC ENCASED SMD CRYSTAL
logo
List of Unclassifed Man...
FPX0368-20 ETC1-FPX0368-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX0368S ETC1-FPX0368S Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX036S ETC1-FPX036S Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FPX040 ETC1-FPX040 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
More results

Similar Description - FPX86X0335J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com