Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5928DBQ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5928DBQ
Description  16-Channel, Constant-Current LED Driver with LED Open Detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5928DBQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC5928DBQ Datasheet HTML 6Page - Texas Instruments TLC5928DBQ Datasheet HTML 7Page - Texas Instruments TLC5928DBQ Datasheet HTML 8Page - Texas Instruments TLC5928DBQ Datasheet HTML 9Page - Texas Instruments TLC5928DBQ Datasheet HTML 10Page - Texas Instruments TLC5928DBQ Datasheet HTML 11Page - Texas Instruments TLC5928DBQ Datasheet HTML 12Page - Texas Instruments TLC5928DBQ Datasheet HTML 13Page - Texas Instruments TLC5928DBQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
t
D0
SIN
OUTn
(1)
OUTn
(2)
OUTn
(3)
OUTn
(4)
ON
OFF
LAT
On/OffControl
LatchData(Internal)
SOUT
SCLK
ShiftRegister
LSBData(Internal)
ON
BLANK
ON
OFF
OFF
ON
ON
OFF
ON
ON
OFF
OFF
OFF
ON
OFF
t
WH2
T
WH0
T
H1
T
WH1
13
14
15
16
1
2
3
4
5
1
2
3
4
5
6
T
SU0
T
H0
T
WL0
t /t
R0 F0
t
D2
t
D1
t
WL2
t
OUTON
ShiftRegister
LSB+1Data(Internal)
ShiftRegister
MSBData(Internal)
ShiftRegister
MSB-1Data(Internal)
DATA
0A
DATA
0A
LOD
0
DATA
15B
DATA
14B
DATA
13B
DATA
12B
DATA
3B
DATA
2B
DATA
1B
DATA
15C
DATA
14C
DATA
13C
DATA
12C
DATA
11C
LOD0AorPTW_A
DATA
0B
DATA
1A
LOD
1
LOD
0
DATA
15B
DATA
14B
DATA
13B
DATA
4B
DATA
3B
DATA
2B
LOD
0A
DATA
15C
DATA
14C
DATA
13C
DATA
12C
LOD1AorPTW_A
DATA
14A
LOD
14
LOD
13
LOD
12
LOD
11
LOD
10
LOD
1
LOD
0
DATA
15B
LOD
13A
LOD
12A
LOD
11A
LOD
10A
LOD
9A
LOD14AorPTW_A
DATA
15A
LOD
15
LOD
14
LOD
13
LOD
12
LOD
11
LOD
2
LOD
1
LOD
0
LOD
14A
LOD
13A
LOD
12A
LOD
11A
LOD
10A
LOD15AorPTW_A
DATA
15B
DATA
15A
LOD
15
LOD
14
LOD
13
LOD
12
LOD
11
LOD
2
LOD
1
LOD
0
LOD
14A
LOD
13A
LOD
12A
LOD
11A
LOD
10A
LOD15AorPTW_A
DATA
15B
DATA
15B
DATA
14B
DATA
13B
DATA
12B
DATA
11B
DATA
3B
DATA
2B
DATA
1B
DATA
0B
DATA
15C
DATA
14C
DATA
13C
DATA
12C
DATA
11C
DATA
10C
PreviousOn/OffLatchData
Latest
LatchData
On/Off
T
SU1
t
D1
tD2
t
D1
t
R1
t
F1
TLC5928
SBVS120E
– JULY 2008 – REVISED JANUARY 2011
www.ti.com
(1) On/off latched data are
'1'.
(2) On/off latched data are changed from
'1' to '0' at the second LAT signal.
(3) On/off latched data are changed from
'0' to '1' at the second LAT signal.
(4) On/off latched data are
'0'.
Figure 9. Timing Diagram
10
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC5928


Similar Part No. - TLC5928DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928DBQ TI-TLC5928DBQ Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928DBQ TI-TLC5928DBQ Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928DBQ TI1-TLC5928DBQ Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928DBQG4 TI1-TLC5928DBQG4 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928DBQR TI-TLC5928DBQR Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results

Similar Description - TLC5928DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com