Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5941PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5941PWP
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5941PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5941PWP Datasheet HTML 3Page - Texas Instruments TLC5941PWP Datasheet HTML 4Page - Texas Instruments TLC5941PWP Datasheet HTML 5Page - Texas Instruments TLC5941PWP Datasheet HTML 6Page - Texas Instruments TLC5941PWP Datasheet HTML 7Page - Texas Instruments TLC5941PWP Datasheet HTML 8Page - Texas Instruments TLC5941PWP Datasheet HTML 9Page - Texas Instruments TLC5941PWP Datasheet HTML 10Page - Texas Instruments TLC5941PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
TLC5941
SLVS589D – JULY 2005 – REVISED JANUARY 2008
TERMINAL FUNCTION
TERMINAL
NT
PWP
RHB
I/O
DESCRIPTION
NAME
NO.
NO.
NO.
Blank all outputs. When BLANK = H, all OUTn outputs are forced OFF.
BLANK
23
2
31
I
GS counter is also reset. When BLANK = L, OUTn are controlled by
grayscale PWM control.
GND
22
1
30
G
Ground
GSCLK
18
25
24
I
Reference clock for grayscale PWM control
IREF
20
27
26
I/O
Reference current terminal
NC
-
-
12, 13, 28, 29
No connection
OUT0
28
7
4
O
Constant-current output
OUT1
1
8
5
O
Constant-current output
OUT2
2
9
6
O
Constant-current output
OUT3
3
10
7
O
Constant-current output
OUT4
4
11
8
O
Constant-current output
OUT5
5
12
9
O
Constant-current output
OUT6
6
13
10
O
Constant-current output
OUT7
7
14
11
O
Constant-current output
OUT8
8
15
14
O
Constant-current output
OUT9
9
16
15
O
Constant-current output
OUT10
10
17
16
O
Constant-current output
OUT11
11
18
17
O
Constant-current output
OUT12
12
19
18
O
Constant-current output
OUT13
13
20
19
O
Constant-current output
OUT14
14
21
20
O
Constant-current output
OUT15
15
22
21
O
Constant-current output
SCLK
25
4
1
I
Serial data shift clock
SIN
26
5
2
I
Serial data input
SOUT
17
24
23
O
Serial data output
TEST
19
26
25
I
Test pin: TEST must be connected to VCC.
VCC
21
28
27
I
Power supply voltage.
Input mode-change pin. When MODE = GND, the device is in GS
MODE
27
6
3
I
mode. When MODE = VCC, the device is in DC mode.
Error output. XERR is an open-drain terminal. XERR goes L when
XERR
16
23
22
O
LOD or TEF is detected.
Level triggered latch signal. When XLAT = high, the TLC5941 writes
data from the input shift register to either GS register (MODE = low) or
XLAT
24
3
32
I
DC register (MODE = high). When XLAT=low, the data in the GS or
DC registers is held constant and does not change.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5941


Similar Part No. - TLC5941PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941PWP TI-TLC5941PWP Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941PWP TI1-TLC5941PWP Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941PWPG4 TI1-TLC5941PWPG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941PWPR TI-TLC5941PWPR Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941PWPR TI1-TLC5941PWPR Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5941PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com