Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5928PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5928PWPR
Description  16-Channel, Constant-Current LED Driver with LED Open Detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5928PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TLC5928PWPR Datasheet HTML 1Page - Texas Instruments TLC5928PWPR Datasheet HTML 2Page - Texas Instruments TLC5928PWPR Datasheet HTML 3Page - Texas Instruments TLC5928PWPR Datasheet HTML 4Page - Texas Instruments TLC5928PWPR Datasheet HTML 5Page - Texas Instruments TLC5928PWPR Datasheet HTML 6Page - Texas Instruments TLC5928PWPR Datasheet HTML 7Page - Texas Instruments TLC5928PWPR Datasheet HTML 8Page - Texas Instruments TLC5928PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TLC5928
www.ti.com
SBVS120E
– JULY 2008 – REVISED JANUARY 2011
RECOMMENDED OPERATING CONDITIONS
At TA= –40°C to +85°C, unless otherwise noted.
TLC5928
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics: VCC = 3 V to 5.5 V
VCC
Supply voltage
3.0
5.5
V
VO
Voltage applied to output
OUT0 to OUT15
17
V
VIH
High-level input voltage
0.7
× VCC
VCC
V
VIL
Low-level input voltage
GND
0.3
× VCC
V
IOH
High-level output current
SOUT
–1
mA
IOL
Low-level output current
SOUT
1
mA
IOLC
Constant output sink current
OUT0 to OUT15
2
35
mA
TA
Operating free-air temperature range
–40
+85
°C
TJ
Operating junction temperature range
–40
+125
°C
AC Characteristics: VCC = 3 V to 5.5 V
fCLK (SCLK)
Data shift clock frequency
SCLK
35
MHz
TWH0
SCLK
10
ns
TWL0
SCLK
10
ns
TWH1
Pulse duration
LAT
20
ns
TWH2
BLANK
20
ns
TWL2
BLANK
20
ns
TSU0
SIN
–SCLK↑
4
ns
Setup time
TSU1
LAT
↑–SCLK↑
100
ns
TH0
SIN
–SCLK↑
3
ns
Hold time
TH1
LAT
↑–SCLK↑
10
ns
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5928


Similar Part No. - TLC5928PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928PWPR TI-TLC5928PWPR Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928PWPR TI-TLC5928PWPR Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928PWPR TI1-TLC5928PWPR Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928PWPRG4 TI1-TLC5928PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results

Similar Description - TLC5928PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com