Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5928RGE Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5928RGE
Description  16-Channel, Constant-Current LED Driver with LED Open Detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5928RGE Datasheet(HTML) 4 Page - Texas Instruments

  TLC5928RGE Datasheet HTML 1Page - Texas Instruments TLC5928RGE Datasheet HTML 2Page - Texas Instruments TLC5928RGE Datasheet HTML 3Page - Texas Instruments TLC5928RGE Datasheet HTML 4Page - Texas Instruments TLC5928RGE Datasheet HTML 5Page - Texas Instruments TLC5928RGE Datasheet HTML 6Page - Texas Instruments TLC5928RGE Datasheet HTML 7Page - Texas Instruments TLC5928RGE Datasheet HTML 8Page - Texas Instruments TLC5928RGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
D
(%)=
-
1
I
OUTn
(I
+I
+...+I
+I
)
OUT0
OUT1
OUT15
OUT14
16
´
100
D
(%)=
IdealOutputCurrent
-
(IdealOutputCurrent)
(I
+I
+...I
+I
)
OUT0
OUT1
OUT14
OUT15
16
´
100
I
=42
´
OUT(IDEAL)
1.20
R
IREF
100
(I
atV
=3.0V)
OUTn
CC
(I
atV
=5.5V)
(I
atV
=3.0V)
OUTn
CC
OUTn
CC
-
5.5V
3V
-
D
(%/V)=
´
100
3V
1V
-
´
(I
atV
=1V)
OUTn
OUTn
(I
atV
=3V)
(I
atV
=1V)
-
OUTn
OUTn
OUTn
OUTn
D
(%/V)=
.
TLC5928
SBVS120E
– JULY 2008 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
At VCC = 3.0 V to 5.5 V and TA = –40°C to +85°C. Typical values at VCC = 3.3 V and TA = +25°C, unless otherwise noted.
TLC5928
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA at SOUT
VCC – 0.4
VCC
V
VOL
Low-level output voltage
IOL = 1 mA at SOUT
0
0.4
V
IIN
Input current
VIN = VCC or GND at SIN, SCLK, LAT, and BLANK
–1
1
mA
SIN/SCLK/LAT = low, BLANK = high, VOUTn = 1 V,
ICC1
1
2
mA
RIREF = 27 kΩ
SIN/SCLK/LAT = low, BLANK = high, VOUTn = 1 V,
ICC2
4.5
8
mA
RIREF = 3 kΩ
Supply current (VCC)
SIN/SCLK/LAT/BLANK = low, VOUTn = 1 V,
ICC3
7
18
mA
RIREF = 3 kΩ
SIN/SCLK/LAT/BLANK = low, VOUTn = 1 V,
ICC4
16
40
mA
RIREF = 1.5 kΩ
All OUTn = ON, VOUTn = VOUTfix = 1 V, RIREF = 1.5 kΩ
IOLC
Constant output current
31
34
37
mA
(see Figure 6), at OUT0 to OUT15
All OUTn for constant-current driver, all outputs off
IOLKG
Output leakage current
BLANK = high, VOUTn = VOUTfix = 17 V, RIREF = 1.5 kΩ
0.1
mA
(see Figure 6), at OUT0 to OUT15
Constant-current error
All OUTn = ON, VOUTn = VOUTfix = 1 V, RIREF = 1.5 kΩ
ΔIOLC
±1
±3
%
(channel-to-channel)(1)
at OUT0 to OUT15
Constant-current error
All OUTn = ON, VOUTn = VOUTfix = 1 V, RIREF = 1.5 kΩ
ΔIOLC1
±1
±6
%
(device-to-device)(2)
at OUT0 to OUT15
All OUTn = ON, VOUTn = VOUTfix = 1 V, RIREF = 1.5 kΩ
ΔIOLC2
Line regulation(3)
±0.5
±1
%/V
at OUT0 to OUT15
All OUTn = ON, VOUTn = 1 V to 3V, VOUTfix = 1 V,
ΔIOLC3
Load regulation(4)
±1
±3
%/V
RIREF = 1.5 kΩ, at OUT0 to OUT15
T(PTW)
Pre-thermal warning threshold
Junction temperature(5)
+125
+138
+150
°C
VLOD
LED open detection threshold
All OUTn = ON
0.25
0.30
0.35
V
VIREF
Reference voltage output
RIREF = 1.5 kΩ
1.16
1.20
1.24
V
(1)
The deviation of each output from the average of OUT0
–OUT15 constant-current. Deviation is calculated by the formula:
(2)
The deviation of the OUT0
–OUT15 constant-current average from the ideal constant-current value.
Deviation is calculated by the following formula:
Ideal current is calculated by the formula:
(3)
Line regulation is calculated by this equation:
(4)
Load regulation is calculated by the equation:
(5)
Not tested. Specified by design.
4
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC5928


Similar Part No. - TLC5928RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928RGE TI-TLC5928RGE Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928RGE TI-TLC5928RGE Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928RGER TI-TLC5928RGER Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928RGER TI-TLC5928RGER Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928RGER TI1-TLC5928RGER Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results

Similar Description - TLC5928RGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com