Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5928RGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5928RGET
Description  16-Channel, Constant-Current LED Driver with LED Open Detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5928RGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5928RGET Datasheet HTML 3Page - Texas Instruments TLC5928RGET Datasheet HTML 4Page - Texas Instruments TLC5928RGET Datasheet HTML 5Page - Texas Instruments TLC5928RGET Datasheet HTML 6Page - Texas Instruments TLC5928RGET Datasheet HTML 7Page - Texas Instruments TLC5928RGET Datasheet HTML 8Page - Texas Instruments TLC5928RGET Datasheet HTML 9Page - Texas Instruments TLC5928RGET Datasheet HTML 10Page - Texas Instruments TLC5928RGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TLC5928
www.ti.com
SBVS120E
– JULY 2008 – REVISED JANUARY 2011
TERMINAL FUNCTIONS
TERMINAL
DBQ/PW/
NAME
PWP
RGE
I/O
DESCRIPTION
Serial data input for driver on/off control. When SIN = high level, data
'1' are written into LSB
SIN
2
23
I
of the on/off control shift register at the rising edge of SCLK.
Serial data shift clock. Schmitt buffer input. All data in the on/off control shift register are
SCLK
3
24
I
shifted toward the MSB by 1-bit synchronization of SCLK. A rising edge on SCLK is allowed
100 ns after a rising edge of LAT.
Edge triggered latch. The data in the on/off control data shift register are transferred to the
on/off control data latch at this rising edge. At the same time, the data in the on/off control shift
LAT
4
1
I
register are replaced with LED open detection (LOD) and pre-thermal warning (PTW) data.
LAT must be toggled only once after the shift data are updated to avoid the on/off control latch
data being replaced with LOD and PTW data in the shift register.
Blank, all outputs. When BLANK = high level, all constant-current outputs (OUT0
–OUT15) are
forced off. When BLANK = low level, all constant-current outputs are controlled by the on/off
BLANK
21
18
I
control data in the data latch. LOD and PTW data are latched into the SID data latch at the
rising edge of BLANK and are present at the output of the SID data latch when BLANK is low.
Constant-current value setting, OUT0
–OUT15 sink constant-current is set to desired value by
IREF
23
20
I/O
connection to an external resistor between IREF and GND.
Serial data output. This output is connected to the MSB of the on/off data shift register. SOUT
SOUT
22
19
O
data changes at the rising edge of SCLK.
Constant-current output. Each output can be tied together with others to increase the
OUT0
5
2
O
constant-current. Different voltages can be applied to each output.
OUT1
6
3
O
Constant-current output
OUT2
7
4
O
Constant-current output
OUT3
8
5
O
Constant-current output
OUT4
9
6
O
Constant-current output
OUT5
10
7
O
Constant-current output
OUT6
11
8
O
Constant-current output
OUT7
12
9
O
Constant-current output
OUT8
13
10
O
Constant-current output
OUT9
14
11
O
Constant-current output
OUT10
15
12
O
Constant-current output
OUT11
16
13
O
Constant-current output
OUT12
17
14
O
Constant-current output
OUT13
18
15
O
Constant-current output
OUT14
19
16
O
Constant-current output
OUT15
20
17
O
Constant-current output
VCC
24
21
Power-supply voltage
GND
1
22
Power ground
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC5928


Similar Part No. - TLC5928RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928RGET TI-TLC5928RGET Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928RGET TI1-TLC5928RGET Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results

Similar Description - TLC5928RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com