Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5941RHBRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC5941RHBRG4
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5941RHBRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLC5941RHBRG4 Datasheet HTML 1Page - Texas Instruments TLC5941RHBRG4 Datasheet HTML 2Page - Texas Instruments TLC5941RHBRG4 Datasheet HTML 3Page - Texas Instruments TLC5941RHBRG4 Datasheet HTML 4Page - Texas Instruments TLC5941RHBRG4 Datasheet HTML 5Page - Texas Instruments TLC5941RHBRG4 Datasheet HTML 6Page - Texas Instruments TLC5941RHBRG4 Datasheet HTML 7Page - Texas Instruments TLC5941RHBRG4 Datasheet HTML 8Page - Texas Instruments TLC5941RHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLC5941
SLVS589D – JULY 2005 – REVISED JANUARY 2008
VCC = 3 V to 5.5 V, TA = -40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNI
T
VOH
High-level output
IOH = –1 mA, SOUT
VCC –0.5
V
voltage
VOL
Low-level output
IOL = 1 mA, SOUT
0.5
V
voltage
VI = VCC or GND; BLANK, TEST, GSCLK, SCLK, SIN, XLAT pin
–1
1
II
Input current
VI = GND; MODE pin
–1
1
µA
VI = VCC; MODE pin
50
No data transfer, all output OFF, VO = 1 V, R(IREF) = 10 kΩ
0.9
6
No data transfer, all output OFF, VO = 1 V, R(IREF) = 1.3 kΩ
5.2
12
ICC
Supply current
mA
Data transfer 30 MHz, all output ON, VO = 1 V, R(IREF) = 1.3 kΩ
16
25
Data transfer 30 MHz, all output ON, VO = 1 V, R(IREF) = 640 Ω
30
60
IO(LC)
Constant output current
All output ON, VO = 1 V, R(IREF) = 640 Ω
54
61
69 mA
Ilkg
Leakage output current
All output OFF, VO = 15 V, R(IREF) = 640 Ω , OUT0 to OUT15
0.1
µA
All output ON, VO = 1 V, R(IREF) = 640 Ω, OUT0 to OUT15,
±1
±4
%
–20
°C to 85°C(1)
All output ON, VO = 1 V, R(IREF) = 640 Ω, OUT0 to OUT15
(1)
±1
±8
Constant sink current
ΔIO(LC0)
error
All output ON, VO = 1 V, R(IREF) = 480 Ω, OUT0 to OUT15,
±1
±6
%
–20
°C to 85°C(1)
All output ON, VO = 1 V, R(IREF) = 480 Ω, OUT0 to OUT15
(1)
±1
±8
–2,
Constant sink current
Device to device, averaged current from OUT0 to OUT15,
ΔIO(LC1)
±4
%
error
R(IREF) = 1920 Ω (20 mA)
(2)
0.4
–2.7,
Constant sink current
Device to device, averaged current from OUT0 to OUT15,
ΔIO(LC2)
±4
%
error
R(IREF) = 480 Ω (80 mA)
(2)
2
All output ON, VO = 1 V, R(IREF) = 640 Ω OUT0 to OUT15,
±1
±4
VCC = 3 V to 5.5 V
(3)
%/
ΔIO(LC3)
Line regulation
V
All output ON, VO = 1 V, R(IREF) = 480 Ω OUT0 to OUT15,
±1
±6
VCC = 3 V to 5.5 V
(3)
All output ON, VO = 1 V to 3 V, R(IREF) = 640 Ω, OUT0 to OUT15
(4)
±2
±6
%/
ΔIO(LC4)
Load regulation
V
All output ON, VO = 1 V to 3 V, R(IREF) = 480 Ω, OUT0 to OUT15
(4)
±2
±8
Thermal error flag
T(TEF)
Junction temperature(5)
150
170
°C
threshold
LED open detection
V(LED)
0.3
0.4
V
threshold
Reference voltage
V(IREF)
RI(REF) = 640 Ω
1.20
1.24
1.28
V
output
(1)
The deviation of each output from the average of OUT0-15 constant current. It is calculated by Equation 1 in Table 1.
(2)
The deviation of average of OUT1-15 constant current from the ideal constant-current value. It is calculated by Equation 2 in Table 1.
The ideal current is calculated by Equation 3 in Table 1.
(3)
The line regulation is calculated by Equation 4 in Table 1.
(4)
The load regulation is calculated by Equation 5 in Table 1.
(5)
Not tested. Specified by design.
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5941


Similar Part No. - TLC5941RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941RHBRG4 TI-TLC5941RHBRG4 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941RHBRG4 TI1-TLC5941RHBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5941RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com