Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5946PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5946PW
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5946PW Datasheet(HTML) 4 Page - Texas Instruments

  TLC5946PW Datasheet HTML 1Page - Texas Instruments TLC5946PW Datasheet HTML 2Page - Texas Instruments TLC5946PW Datasheet HTML 3Page - Texas Instruments TLC5946PW Datasheet HTML 4Page - Texas Instruments TLC5946PW Datasheet HTML 5Page - Texas Instruments TLC5946PW Datasheet HTML 6Page - Texas Instruments TLC5946PW Datasheet HTML 7Page - Texas Instruments TLC5946PW Datasheet HTML 8Page - Texas Instruments TLC5946PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
ELECTRICAL CHARACTERISTICS
D
(%)=
I
OUTn
-
1
(I
+I
+...+I
)
OUT0
OUT1
OUT15
16
´
100
.
D
(%)=
IdealOutputCurrent
-
(IdealOutputCurrent)
(I
+I
+...I
+I
)
OUT0
OUT1
OUT14
OUT15
16
´
100
I
=42.5
´
OUT(IDEAL)
1.20
R
IREF
100
(I
atV
=3.0V)
OUTn
CC
(I
atV
=5.5V)
(I
atV
=3.0V)
OUTn
CC
OUTn
CC
-
5.5V
3V
-
D
(%/V)=
´
100
3V
1V
-
´
(I
atV
=1V)
OUTn
OUTn
(I
atV
=3V)
(I
atV
=1V)
-
OUTn
OUTn
OUTn
OUTn
D
(%/V)=
TLC5946
SLVS824B – MARCH 2008 – REVISED JUNE 2008 .......................................................................................................................................................... www.ti.com
At VCC = 3.0 V to 5.5 V, TA = –40°C to +85°C, and RIREF = 1.3kΩ. Typical values at VCC = 3.3 V and TA = +25°C, unless
otherwise noted.
TLC5946
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA at SOUT
VCC – 0.4
V
IOL = 1 mA at SOUT
0.4
V
VOL
Low-level output voltage
IOL = 5 mA at XERR
0.5
V
VIN = VCC or GND at BLANK, XHALF, GSCLK, SCLK,
IIN
Input current
–1
1
µA
SIN, XLAT, and MODE pins
No data transfer, all OUTn = OFF, VOUTn = 1 V,
ICC1
0.9
3
mA
DCn = 3Fh, RIREF = 13 kΩ
No data transfer, all OUTn = OFF, VOUTn = 1 V,
ICC2
4
8
mA
DCn = 3Fh, RIREF = 2.7 kΩ
Supply current
Data transfer at 30 MHz, all OUTn = ON, VOUTn = 1 V,
ICC3
13
25
mA
DCn = 3Fh, RIREF = 2.7 kΩ
Data transfer at 30 MHz, all OUTn = ON, VOUTn = 1 V,
ICC4
20
45
mA
DCn = 3Fh
IOLC
Constant output current
All OUTn = ON, VOUTn = 1 V, VOUTfix = 1 V, DCn = 3Fh
35.5
39.0
42.5
mA
All OUTn = OFF, VOUTn = 17 V, DCn = 3Fh
IOLK1
Output leakage current
0.1
µA
At OUT0 to OUT15
IOLK2
Output leakage current
No error condition, VXERR = 5.5 V, at XERR
1
µA
Constant current error
ΔIOLC
All OUTn = ON, VOUTn = 1 V, VOUTfix = 1 V, DCn = 3Fh
±1
±3
%
(channel-to-channel)(1)
Constant current error
ΔIOLC1
All OUTn = ON, VOUTn = 1 V, VOUTfix = 1 V, DCn = 3Fh
±2
±6
%
(device-to-device)(2)
All OUTn = ON, VOUTn = 1 V, VOUTfix = 1 V,
ΔIOLC2
Line regulation(3)
±0.5
±1
%
VCC = 3.0 V to 5.5 V, DCn = 3Fh
All OUTn = ON, VOUTn = 1 V to 3 V,
ΔIOLC3
Load regulation(4)
±1
±3
%/V
VOUTfix = 1 V, DCn = 3Fh
TTEF
Thermal error flag threshold
Junction temperature(5)
+150
+162
+175
°C
THYS
Thermal error hysteresis
Junction temperature(5)
+5
+10
+20
°C
VLOD
LED open detection threshold
All OUTn = ON
0.2
0.3
0.4
V
VIREF
Reference voltage output
1.16
1.20
1.24
V
(1)
The deviation of each output from the average of OUT0–OUT15 constant current. Deviation is calculated by the formula:
(2)
The deviation of the OUT0–OUT15 constant current average from the ideal constant current value.
Deviation is calculated by the following formula:
Ideal current is calculated by the formula:
(3)
Line regulation is calculated by this equation:
(4)
Load regulation is calculated by the equation:
(5)
Not tested. Specified by design.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5946


Similar Part No. - TLC5946PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946PW TI-TLC5946PW Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PW TI1-TLC5946PW Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PWP TI-TLC5946PWP Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PWP TI1-TLC5946PWP Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946PWPG4 TI1-TLC5946PWPG4 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results

Similar Description - TLC5946PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5944 TI-TLC5944_1 Datasheet
982Kb / 34P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com