Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4171-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV4171-Q1
Description  36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4171-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV4171-Q1 Datasheet HTML 1Page - Texas Instruments TLV4171-Q1 Datasheet HTML 2Page - Texas Instruments TLV4171-Q1 Datasheet HTML 3Page - Texas Instruments TLV4171-Q1 Datasheet HTML 4Page - Texas Instruments TLV4171-Q1 Datasheet HTML 5Page - Texas Instruments TLV4171-Q1 Datasheet HTML 6Page - Texas Instruments TLV4171-Q1 Datasheet HTML 7Page - Texas Instruments TLV4171-Q1 Datasheet HTML 8Page - Texas Instruments TLV4171-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1000
800
600
400
200
0
-200
400
600
800
1000
-
-
-
-
-20
-15
-10
-5
0
5
10
15
20
V
(V)
CM
V
= -18.1 V
CM
10 Typical Units Shown
350
250
150
50
-50
150
250
350
-
-
-
0
2
4
6
8
16
20
V
(V)
SUPPLY
V
= ±2.25 V to 18 V
10 Typical Units Shown
SUPPLY
±
18
14
12
10
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV171-Q1, TLV2171-Q1, TLV4171-Q1
SBOS858 – APRIL 2017
TLVx171-Q1 36-V, Single-Supply, General-Purpose
Operational Amplifier for Cost-Sensitive Automotive Systems
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Test Guidance With the Following
Results:
Device Temperature Grade 1:
–40°C to +125°C Ambient Operating
Temperature
Device HBM ESD Classification Level:
Level 3A for TLV171-Q1 and TLV2171-Q1
Level 2 for TLV4171-Q1
Device CDM ESD Classification Level
Level C4A for TLV171-Q1
Level C6 for TLV2171-Q1and TLV4171-Q1
Supply Range:
Single-Supply: 4.5 V to 36 V
Dual-Supply ±2.25 V to ±18 V
Low Noise: 16 nV/
√Hz at 1 kHz
Low Offset Drift: ±1 µV/°C (Typical)
Input Range Includes Negative Supply
Input Range Operates to Positive Supply With
Reduced Performance
Rail-to-Rail Output
Gain Bandwidth: 3 MHz
Low Quiescent Current: 525 µA per Amplifier
Common-Mode Rejection: 120 dB (Typical)
Low Input Bias Current: 10 pA
2 Applications
Automotive
ADAS
Body Electronics
Lighting
Current Sensing
Power Train
3 Description
The TLVx171-Q1 family of devices is a 36-V,
single-supply, low-noise operational amplifier (op
amp) with the ability to operate on supplies ranging
from 4.5 V (± 2.25 V) to 36 V (±18 V). This series is
available in multiple packages and offers low offset,
drift, and low quiescent current. The single, dual, and
quad versions all have identical specifications for
maximum design flexibility.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV171-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
TLV2171-Q1
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
TLV4171-Q1
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Offset Voltage vs Common-Mode Voltage: VSUPPLY
= ±18 V
Offset Voltage vs Power Supply


Similar Part No. - TLV4171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4171 TI1-TLV4171 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV4171 TI1-TLV4171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV4171ID TI1-TLV4171ID Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV4171IDR TI1-TLV4171IDR Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV4171IDR TI1-TLV4171IDR Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV4171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA171-Q1 TI-OPA171-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
INA186-Q1 TI1-INA186-Q1 Datasheet
497Kb / 27P
[Old version datasheet]   Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com