Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4171-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV4171-Q1
Description  36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4171-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV4171-Q1 Datasheet HTML 6Page - Texas Instruments TLV4171-Q1 Datasheet HTML 7Page - Texas Instruments TLV4171-Q1 Datasheet HTML 8Page - Texas Instruments TLV4171-Q1 Datasheet HTML 9Page - Texas Instruments TLV4171-Q1 Datasheet HTML 10Page - Texas Instruments TLV4171-Q1 Datasheet HTML 11Page - Texas Instruments TLV4171-Q1 Datasheet HTML 12Page - Texas Instruments TLV4171-Q1 Datasheet HTML 13Page - Texas Instruments TLV4171-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
TLV171-Q1, TLV2171-Q1, TLV4171-Q1
SBOS858 – APRIL 2017
www.ti.com
Product Folder Links: TLV171-Q1 TLV2171-Q1 TLV4171-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = 4.5 V to 36 V, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
The input range can be extended beyond (V+) – 2 V up to V+ at reduced performance. See Typical Characteristics and Detailed
Description for additional information.
INPUT BIAS CURRENT
IB
Input bias current
±10
pA
IOS
Input offset current
±4
pA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
3
µVPP
en
Input voltage noise density
f = 100 Hz
27
nV/
√Hz
f = 1 kHz
16
nV/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage range(1)
(V–) – 0.1
(V+) – 2
V
CMRR
Common-mode rejection ratio (over
temperature)
VS = ±2.25 V
(V–) – 0.1 V < VCM < (V+) – 2 V
90
120
dB
VS = ±18 V
(V–) – 0.1 V < VCM < (V+) – 2 V
94
120
dB
INPUT IMPEDANCE
Differential
100 || 3
MΩ || pF
Common-mode
6 || 3
1012Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain (over
temperature)
VS = 4.5 V to 36 V
(V–) + 0.35 V < VO < (V+) – 0.35 V
94
130
dB
FREQUENCY RESPONSE
GBP
Gain bandwidth product
3
MHz
SR
Slew rate
G = 1
1.5
V/µs
tS
Settling time
To 0.1%, VS = ±18 V
G = 1, 10-V step
6
µs
To 0.01% (12 bit), VS = ±18 V
G = 1, 10-V step
10
µs
Overload recovery time
V±IN × Gain > VS
2
µs
THD+N
Total harmonic distortion + noise
G = 1, f = 1 kHz
VO = 3 VRMS
0.0002%
OUTPUT
VO
Voltage output swing from rail (over
temperature)
RL = 10 kΩ
AOL ≥ 110 dB
(V–) + 0.35
(V+) – 0.35
V
ISC
Short-circuit current
Sourcing
25
mA
Sinking
–37
CLOAD
Capacitive load drive
See Typical Characteristics
pF
RO
Open-loop output resistance
f = 1 MHz, IO = 0 A
150
Ω
POWER SUPPLY
VS
Specified voltage range
TA = –40°C to 125°C
4.5
36
V
IQ
Quiescent current per amplifier
IO = 0 A, TA = –40°C to 125°C
525
695
µA


Similar Part No. - TLV4171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4171 TI1-TLV4171 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV4171 TI1-TLV4171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV4171ID TI1-TLV4171ID Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV4171IDR TI1-TLV4171IDR Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV4171IDR TI1-TLV4171IDR Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV4171-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
OPA4171-Q1 TI-OPA4171-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
OPA171-Q1 TI-OPA171-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   OPAx171-Q1 36-V, Single-Supply, General-Purpose Operational Amplifier
INA186-Q1 TI1-INA186-Q1 Datasheet
497Kb / 27P
[Old version datasheet]   Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com