Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3104 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3104
Description  Low-Power Stereo Audio Codec for Portable Audio and Telephony
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3104 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC3104 Datasheet HTML 6Page - Texas Instruments TLV320AIC3104 Datasheet HTML 7Page - Texas Instruments TLV320AIC3104 Datasheet HTML 8Page - Texas Instruments TLV320AIC3104 Datasheet HTML 9Page - Texas Instruments TLV320AIC3104 Datasheet HTML 10Page - Texas Instruments TLV320AIC3104 Datasheet HTML 11Page - Texas Instruments TLV320AIC3104 Datasheet HTML 12Page - Texas Instruments TLV320AIC3104 Datasheet HTML 13Page - Texas Instruments TLV320AIC3104 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
10
TLV320AIC3104
SLAS510F – FEBRUARY 2007 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TLV320AIC3104
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At 25°C, AVDD = DRVDD = IOVDD = 3.3 V, DVDD = 1.8 V, fS = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
When IOVDD < 1.6 V, minimum VIH is 1.1 V.
(6)
Additional power is consumed when the PLL is powered.
Power supply rejection ratio
217 Hz, 100 mVpp on AVDD, DRVDD1/2
48
dB
Mute attenuation
1-kHz output
107
dB
DIGITAL I/O
VIL
Input low level
–0.3
0.3
IOVDD
V
VIH
Input high level (5)
IOVDD > 1.6 V
0.7
IOVDD
V
IOVDD
≤ 1.6 V
1.1
VOL
Output low level
0.1
IOVDD
V
VOH
Output high level
0.8
IOVDD
V
CURRENT CONSUMPTION – DRVDD = AVDD = IOVDD = 3.3 V, DVDD = 1.8 V
IIN
IDRVDD + IAVDD
RESET held low
0.1
μA
IDVDD
0.2
IDRVDD + IAVDD
Mono ADC record, fS = 8 ksps, I2S slave, AGC
off, no signal
2.15
mA
IDVDD
0.48
IDRVDD + IAVDD
Stereo ADC record, fS = 8 ksps, I2S slave, AGC
off, no signal
4.1
IDVDD
0.62
IDRVDD + IAVDD
Stereo ADC record, fS = 48 ksps, I2S slave, AGC
off, no signal
4.31(6)
IDVDD
2.45(6)
IDRVDD + IAVDD
Stereo DAC playback to lineout, analog mixer
bypassed, fS = 48 ksps, I2S slave
3.5
IDVDD
2.3
IDRVDD + IAVDD
Stereo DAC playback to lineout, fS = 48 ksps, I2S
slave, no signal
4.9
IDVDD
2.3
IDRVDD + IAVDD
Stereo DAC playback to stereo single-ended
headphone, fS = 48 ksps, I2S slave, no signal
6.7
IDVDD
2.3
IDRVDD + IAVDD
Stereo line in to stereo line out, no signal
3.11
IDVDD
0
IDRVDD + IAVDD
Extra power when PLL enabled
1.4
IDVDD
0.9
IDRVDD + IAVDD
All blocks powered down. Headset detection
enabled, headset not inserted
28
μA
IDVDD
2
(1)
All timing specifications are measured at characterization but not tested at final test.
(2)
All specifications at 25°C, DVDD = 1.8 V.
8.7 Audio Data Serial Interface Timing Requirements
(1) (2)
IOVDD = 1.1 V
IOVDD = 3.3 V
UNIT
MIN
MAX
MIN
MAX
I2S/LJF/RJF TIMING IN MASTER MODE (See Figure 1)
td(WS)
ADWS/WCLK delay time
50
15
ns
td(DO-WS)
ADWS/WCLK to DOUT delay time
50
20
ns
td(DO-BCLK)
BCLK to DOUT delay time
50
15
ns
ts(DI)
DIN setup time
10
6
ns
th(DI)
DIN hold time
10
6
ns
tr
Rise time
30
10
ns


Similar Part No. - TLV320AIC3104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104 TI-TLV320AIC3104 Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104 TI-TLV320AIC3104 Datasheet
1Mb / 93P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104 TI1-TLV320AIC3104 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104 TI-TLV320AIC3104 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
TLV320AIC3104 TI1-TLV320AIC3104 Datasheet
2Mb / 102P
[Old version datasheet]   TLV320AIC3104-Q1 Automotive, Low-Power Stereo Audio Codec for Infotainment and Cluster
REVISED JANUARY 2023
More results

Similar Description - TLV320AIC3104

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com