Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3206 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV320AIC3206
Description  Ultra Low-Power Stereo Audio Codec
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3206 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC3206_17 Datasheet HTML 1Page - Texas Instruments TLV320AIC3206_17 Datasheet HTML 2Page - Texas Instruments TLV320AIC3206_17 Datasheet HTML 3Page - Texas Instruments TLV320AIC3206_17 Datasheet HTML 4Page - Texas Instruments TLV320AIC3206_17 Datasheet HTML 5Page - Texas Instruments TLV320AIC3206_17 Datasheet HTML 6Page - Texas Instruments TLV320AIC3206_17 Datasheet HTML 7Page - Texas Instruments TLV320AIC3206_17 Datasheet HTML 8Page - Texas Instruments TLV320AIC3206_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
TLV320AIC3206
www.ti.com
SLAS649C – DECEMBER 2010 – REVISED NOVEMBER 2014
Pin Functions (continued)
PIN
WCSP
(YZF)
TYPE(1)
DESCRIPTION
QFN (RSB)
NAME
BALL NO.
NO.
Audio serial data bus data output
MFP2
Secondary function:
General purpose output
Clock output
INT1 output
INT2 output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
IOVdd
10
A6
PWR
Supply for IO buffers. 1.1V to 3.6V
IOVss
11
B5
GND
Ground for IO buffers.
SCLK
12
C4
DI
Primary function: (SPI_Select = 1)
SPI serial clock
MFP3
Secondary function:: (SPI_Select = 0)
Digital microphone input
Audio serial data bus (secondary) bit clock input
Audio serial data bus (secondary) DAC/common word clock input
Audio serial data bus (secondary) ADC word clock input
Audio serial data bus (secondary) data input
General purpose input
I2C interface serial clock (SPI_Select = 0)
SCL
13
B6
DI
SS
SPI interface mode chip-select signal (SPI_Select = 1)
I2C interface mode serial data input (SPI_Select = 0)
SDA
14
C3
DI/O
MOSI
SPI interface mode serial data input (SPI_Select = 1)
MISO
15
D4
DO
Primary function: (SPI_Select = 1)
Serial data output
MFP4
Secondary function: (SPI_Select = 0)
General purpose output
CLKOUT output
INT1 output
INT2 output
Audio serial data bus (primary) ADC word clock output
Digital microphone clock output
Audio serial data bus (secondary) data output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
SPI_SELECT
16
C6
DI
Control mode select pin ( 1 = SPI, 0 = I2C )
Multifunction analog input,
IN1_L
17
D6
AI
Single-ended configuration: MIC 1 or Line 1 left
Differential configuration: MIC or Line right, negative
Multifunction analog input,
IN1_R
18
E6
AI
Single-ended configuration: MIC 1 or Line 1 right
Differential configuration: MIC or Line right, positive
Multifunction analog input,
IN2_L
19
F6
AI
Single-ended configuration: MIC 2 or Line 2 right
Differential configuration: MIC or Line left, positive
Multifunction analog input,
IN2_R
20
G6
AI
Single-ended configuration: MIC 2 or Line 2 right
Differential configuration: MIC or Line left, negative
AVss
21
E4, E5
GND
Analog Ground
REF
22
G5
AO
Reference voltage output for filtering
MICBIAS
23
G4
AO
Microphone bias voltage output
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV320AIC3206


Similar Part No. - TLV320AIC3206_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
TLV320AIC3206 TI-TLV320AIC3206_15 Datasheet
1Mb / 51P
[Old version datasheet]   TLV320AIC3206 Ultra Low-Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3206_17

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com