Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC26IRHBG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV320AIC26IRHBG4
Description  LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC26IRHBG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV320AIC26IRHBG4 Datasheet HTML 3Page - Texas Instruments TLV320AIC26IRHBG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC26IRHBG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC26IRHBG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC26IRHBG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC26IRHBG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC26IRHBG4 Datasheet HTML 9Page - Texas Instruments TLV320AIC26IRHBG4 Datasheet HTML 10Page - Texas Instruments TLV320AIC26IRHBG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
TLV320AIC26
SLAS412− DECEMBER 2003
www.ti.com
7
FUNCTIONAL BLOCK DIAGRAM
∑−∆
DAC
Σ
Σ
Vol
Ctl
0 to −63.5 dB
(0.5 dB Steps)
Digital
Audio
Processing
and
Serial
Interface
∑−∆
DAC
Σ
Σ
Vol
Ctl
PLL
Sidetone
−48 to 0 dB
1.5 dB Steps
Headphone Driver
Headphone Driver
DAC CM
Analog Volume
Control −34.5 to
12 dB
2.5 V/2 V
∑−∆
ADC
0 to 59.5 dB
(0.5 dB Steps)
AGC
SPI
Interface
OSC
SAR
ADC
Internal 2.5 V/
1.25 V
Reference
Battery
Monitor
Battery
Monitor
Temperature
Measurement
DRVDD
DRVSS
AVDD
AVSS
DVDD
DVSS
IOVDD
HPR
HPL
VGND
MICBIAS
MICIN
AUX
VBAT1
VBAT2
VREF
MCLK
PWD/ADWS
DOUT
LRCK
DIN
BCLK
RESET
SCLK
SS
SCLK
MOSI
MISO
DAV


Similar Part No. - TLV320AIC26IRHBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC26IRHBG4 TI-TLV320AIC26IRHBG4 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26IRHBG4 TI-TLV320AIC26IRHBG4 Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
More results

Similar Description - TLV320AIC26IRHBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC26 TI-TLV320AIC26_08 Datasheet
1,014Kb / 67P
[Old version datasheet]   LOW POWER STEREP AUDIO CODEC WITH HEADPHONE / SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26 Datasheet
628Kb / 63P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
TLV320AIC26 TI-TLV320AIC26_07 Datasheet
968Kb / 74P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC WITH HEADPHONE/SPEAKER AMPLIFIER AND 12-BIT BATTERY / TEMPERATURE / AUXILIARY ADC
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Analog Devices
ADAU1373 AD-ADAU1373 Datasheet
7Mb / 296P
   Low Power Codec with Speaker and Headphone Amplifier
REV. 0
logo
Burr-Brown (TI)
PCM3793A BURR-BROWN-PCM3793A Datasheet
1Mb / 68P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
PCM3793 BURR-BROWN-PCM3793 Datasheet
959Kb / 63P
   16-Bit, Low-Power Stereo Audio CODEC With Microphone Bias, Headphone, and Digital Speaker Amplifier
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Protek Devices
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com