Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4171ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4171ID
Description  36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4171ID Datasheet(HTML) 1 Page - Texas Instruments

  TLV4171ID Datasheet HTML 1Page - Texas Instruments TLV4171ID Datasheet HTML 2Page - Texas Instruments TLV4171ID Datasheet HTML 3Page - Texas Instruments TLV4171ID Datasheet HTML 4Page - Texas Instruments TLV4171ID Datasheet HTML 5Page - Texas Instruments TLV4171ID Datasheet HTML 6Page - Texas Instruments TLV4171ID Datasheet HTML 7Page - Texas Instruments TLV4171ID Datasheet HTML 8Page - Texas Instruments TLV4171ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV171, TLV2171, TLV4171
SBOS783 – SEPTEMBER 2016
TLVx171
36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
1
1 Features
1
Supply Range: 2.7 V to 36 V, ±1.35 V to ±18 V
Low Noise: 16 nV/
√Hz
Low Offset Drift: ±1 μV/°C (typical)
EMI-Hardened with RFI-Filtered Inputs
Input Range Includes the Negative Supply
Unity-Gain Stable: 200-pF Capacitive Load
Rail-to-Rail Output
Gain Bandwidth: 3 MHz
Low Quiescent Current: 525 µA per Amplifier
High Common-Mode Rejection: 105 dB (typical)
Low Bias Current: 10 pA
2 Applications
Transducers
Currency Counters
AC-DC Converters
Power Modules
Inverters
Test Equipment
Battery-Powered Instruments
TFT-LCD Drive Circuits
Active Filters
3 Description
The 36-V TLVx171 family provides a low-power
option for cost-conscious industrial and personal
electronics systems requiring an electromagnetic
interference (EMI)-hardened, low-noise, single-supply
operational amplifier (op amp) that operates on
supplies ranging from 2.7 V (±1.35 V) to 36 V
(±18 V). The single-channel TLV171, dual-channel
TLV2171, and quad-channel TLV4171 provide low
offset, drift, quiescent current balanced with high
bandwidth for the power. The devices are available in
micropackages for space-constrained systems and
feature identical specifications for maximum design
flexibility.
Unlike most op amp, which are specified at only one
supply voltage, the TLVx171 family is specified from
2.7 V to 36 V. Input signals beyond the supply rails
do not cause phase reversal. The TLVx171 family is
stable with capacitive loads up to 200 pF. The input
can operate 100 mV below the negative rail and
within 2 V of the top rail during normal operation.
These devices can operate with a full rail-to-rail input
100 mV beyond the top rail, but with reduced
performance within 2 V of the top rail.
The TLVx171 op amp family is specified from –40°C
to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV171
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
TLV2171
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
TLV4171
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Offset Voltage vs Common-Mode Voltage
Offset Voltage vs Power Supply


Similar Part No. - TLV4171ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4171IDR TI1-TLV4171IDR Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV4171ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV170 TI1-TLV170 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
[Old version datasheet]   40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com