Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP006BIYZFT Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP006BIYZFT
Description  Infrared Thermopile Sensor in Chip-Scale Package
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006BIYZFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP006BIYZFT Datasheet HTML 3Page - Texas Instruments TMP006BIYZFT Datasheet HTML 4Page - Texas Instruments TMP006BIYZFT Datasheet HTML 5Page - Texas Instruments TMP006BIYZFT Datasheet HTML 6Page - Texas Instruments TMP006BIYZFT Datasheet HTML 7Page - Texas Instruments TMP006BIYZFT Datasheet HTML 8Page - Texas Instruments TMP006BIYZFT Datasheet HTML 9Page - Texas Instruments TMP006BIYZFT Datasheet HTML 10Page - Texas Instruments TMP006BIYZFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
20
30
40
50
60
70
80
90
100
110
±90 ±75 ±60 ±45 ±30 ±15
0
15
30
45
60
75
90
Angle (
ƒ)
C001
Field of View
20
15
10
5
0
-
3
3
T
Error ( C)
°
OBJ
-
1
2
1
-
2
0
-
s
3
+3 s
3
2.5
2
1.5
1
0.5
0
0.5
1
1.5
2
2.5
3
-
-
-
-
-
-
-40
125
T
DIE ( C)
°
-25
5
50
65
35
20
80
-10
95
110
3.3 V
5.5 V
2.2 V
4
3
2
1
0
1
2
3
4
-
-
-
-
-20
40
T
T
( C)
-
°
OBJ
DIE
0
30
20
-10
10
T
=
DIE
20 C
°
T
=
DIE
40 C
°
TMP006, TMP006B
www.ti.com
SBOS518E – MAY 2011 – REVISED APRIL 2015
7.6 Typical Characteristics
At TDIE = +25°C and VS = 3.3 V, unless otherwise noted.
Figure 1. Typical Die Temperature Error
Figure 2. Typical Object Temperature Error
TOBJ = 20°C, TDIE = 20°C,
valid for 120° FOV and object emissivity = 0.94
Figure 4. Noise-Limited, Object-Temperature Accuracy
Figure 3. Responsivity vs Angle
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP006 TMP006B


Similar Part No. - TMP006BIYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP006BIYZFT TI1-TMP006BIYZFT Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

Similar Description - TMP006BIYZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com